Electronic Components Datasheet Search
  English  ▼

X  

CS47L85 Datasheet(PDF) 145 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 145 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 141Page - Cirrus Logic CS47L85 Datasheet HTML 142Page - Cirrus Logic CS47L85 Datasheet HTML 143Page - Cirrus Logic CS47L85 Datasheet HTML 144Page - Cirrus Logic CS47L85 Datasheet HTML 145Page - Cirrus Logic CS47L85 Datasheet HTML 146Page - Cirrus Logic CS47L85 Datasheet HTML 147Page - Cirrus Logic CS47L85 Datasheet HTML 148Page - Cirrus Logic CS47L85 Datasheet HTML 149Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 370 page
background image
CS47L85
Rev 4.3
145
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
base address +202h
MIFn_TX_2
31:24
MIFn_TX_BYTE8 [7:0]
00h
TX Byte 8
23:16
MIFn_TX_BYTE7 [7:0]
00h
TX Byte 7
15:8
MIFn_TX_BYTE6 [7:0]
00h
TX Byte 6
7:0
MIFn_TX_BYTE5 [7:0]
00h
TX Byte 5
base address +204h
MIFn_TX_3
31:24
MIFn_TX_BYTE12 [7:0]
00h
TX Byte 12
23:16
MIFn_TX_BYTE11 [7:0]
00h
TX Byte 11
15:8
MIFn_TX_BYTE10 [7:0]
00h
TX Byte 10
7:0
MIFn_TX_BYTE9 [7:0]
00h
TX Byte 9
base address +206h
MIFn_TX_4
31:24
MIFn_TX_BYTE16 [7:0]
00h
TX Byte 16
23:16
MIFn_TX_BYTE15 [7:0]
00h
TX Byte 15
15:8
MIFn_TX_BYTE14 [7:0]
00h
TX Byte 14
7:0
MIFn_TX_BYTE13 [7:0]
00h
TX Byte 13
base address +300h
MIFn_RX_1
31:24
MIFn_RX_BYTE4 [7:0]
00h
RX Byte 4
23:16
MIFn_RX_BYTE3 [7:0]
00h
RX Byte 3
15:8
MIFn_RX_BYTE2 [7:0]
00h
RX Byte 2
7:0
MIFn_RX_BYTE1 [7:0]
00h
RX Byte 1
base address +302h
MIFn_RX_2
31:24
MIFn_RX_BYTE8 [7:0]
00h
RX Byte 8
23:16
MIFn_RX_BYTE7 [7:0]
00h
RX Byte 7
15:8
MIFn_RX_BYTE6 [7:0]
00h
RX Byte 6
7:0
MIFn_RX_BYTE5 [7:0]
00h
RX Byte 5
base address +304h
MIFn_RX_3
31:24
MIFn_RX_BYTE12 [7:0]
00h
RX Byte 12
23:16
MIFn_RX_BYTE11 [7:0]
00h
RX Byte 11
15:8
MIFn_RX_BYTE10 [7:0]
00h
RX Byte 10
7:0
MIFn_RX_BYTE9 [7:0]
00h
RX Byte 9
base address +306h
MIFn_RX_4
31:24
MIFn_RX_BYTE16 [7:0]
00h
RX Byte 16
23:16
MIFn_RX_BYTE15 [7:0]
00h
RX Byte 15
15:8
MIFn_RX_BYTE14 [7:0]
00h
RX Byte 14
7:0
MIFn_RX_BYTE13 [7:0]
00h
RX Byte 13
Table 32 Master Interface (MIFn) Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com