Electronic Components Datasheet Search
  English  ▼

X  

CS47L85 Datasheet(PDF) 144 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 144 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 140Page - Cirrus Logic CS47L85 Datasheet HTML 141Page - Cirrus Logic CS47L85 Datasheet HTML 142Page - Cirrus Logic CS47L85 Datasheet HTML 143Page - Cirrus Logic CS47L85 Datasheet HTML 144Page - Cirrus Logic CS47L85 Datasheet HTML 145Page - Cirrus Logic CS47L85 Datasheet HTML 146Page - Cirrus Logic CS47L85 Datasheet HTML 147Page - Cirrus Logic CS47L85 Datasheet HTML 148Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 370 page
background image
CS47L85
144
Rev 4.3
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
base address +110h
MIFn_CONFIG_5
20:0
MIFn_RX_LENGTH [20:0]
00_0000h
Selects the total number of data
bytes in an I2C Read operation.
00_0000h = 1 byte
00_0001h = 2 bytes
00_0002h = 3 bytes
…
1F_FFFFh = 2,097,152 bytes
base address +112h
MIFn_CONFIG_6
7:0
MIFn_TX_BLOCK_LENGTH
[7:0]
10h
Selects the interval at which the
MIFn_BLOCK Interrupt is triggered
during I2C Write operations.
00h = 1 byte
01h = 1 byte
02h = 2 bytes
…
10h = 16 bytes
All other codes are Reserved
base address +114h
MIFn_CONFIG_7
7:0
MIFn_RX_BLOCK_LENGTH
[7:0]
10h
Selects the interval at which the
MIFn_BLOCK Interrupt is triggered
during I2C Read operations.
00h = 1 byte
01h = 1 byte
02h = 2 bytes
…
10h = 16 bytes
All other codes are Reserved
base address +116h
MIFn_CONFIG_8
4
MIFn_RX_DONE
0
RX Buffer access control bit
Write ‘1’ to indicate that data in the
RX Buffer has been read.
In normal operation, a ‘1’ is written
after reading the RX buffer. This
causes the MIFn_RX_REQUEST bit
to be reset to ‘0’. (Note that, if further
data is available to read, then the
MIFn_RX_REQUEST bit will remain
set in this case.)
0
MIFn_TX_DONE
0
TX Buffer access control bit
Write ‘1’ to indicate the TX Buffer has
been filled with data for transmission.
In normal operation, a ‘1’ is written
after writing the TX buffer. This
causes the MIFn_TX_REQUEST bit
to be reset to ‘0’.
base address +180h
MIFn_STATUS_1
8
MIFn_BUSY_STS
0
MIF Busy Status.
This bit, when set, indicates that the
Master Interface is executing an I2C
transaction.
8
MIFn_RX_REQUEST
0
RX Buffer flow control bit
0 = No data available to read
1 = Buffer data is available to read
1
MIFn_TX_REQUEST
0
TX Buffer flow control bit
0 = TX buffer not available to write
1 = TX buffer is available to write
base address +182h
MIFn_STATUS_2
20:0
MIFn_BYTE_COUNT [20:0]
00_0000h
Number of data bytes transferred in
current transaction.
Note that this field is cleared on
completion of the I2C transaction.
base address +200h
MIFn_TX_1
31:24
MIFn_TX_BYTE4 [7:0]
00h
TX Byte 4
23:16
MIFn_TX_BYTE3 [7:0]
00h
TX Byte 3
15:8
MIFn_TX_BYTE2 [7:0]
00h
TX Byte 2
7:0
MIFn_TX_BYTE1 [7:0]
00h
TX Byte 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com