Electronic Components Datasheet Search
  English  ▼

X  

CS47L85 Datasheet(PDF) 142 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 142 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 138Page - Cirrus Logic CS47L85 Datasheet HTML 139Page - Cirrus Logic CS47L85 Datasheet HTML 140Page - Cirrus Logic CS47L85 Datasheet HTML 141Page - Cirrus Logic CS47L85 Datasheet HTML 142Page - Cirrus Logic CS47L85 Datasheet HTML 143Page - Cirrus Logic CS47L85 Datasheet HTML 144Page - Cirrus Logic CS47L85 Datasheet HTML 145Page - Cirrus Logic CS47L85 Datasheet HTML 146Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 370 page
background image
CS47L85
142
Rev 4.3
The MIF control registers are described in Table 32.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
MIF1 Base Address = R262144 (40000h)
MIF2 Base Address = R263168 (40400h)
MIF3 Base Address = R264192 (40800h)
base address +002h
MIFn_I2C_CONFIG_2
10:1
MIFn_SLV_ADDR [9:0]
000h
Address of Slave on which
transactions are executed.
For 7-bit mode, lower 7 bits of field
are used.
0
MIFn_ADDR_MODE
0
Selects the addressing mode of I2C
Master
0= 7-bit mode
1= 10-bit mode
base address +004h
MIFn_I2C_CONFIG_3
3
MIFn_NACK_RESPONSE
0
Selects the action taken if NACK is
received from Slave.
0 = Stop Condition sent.
1 = Stop Condition not sent; next
transaction will commence with a
Repeated Start.
Note that, if the Stop Condition is not
sent, the Master retains control of the
bus until a subsequent action is
scheduled. The next transaction will
commence with a Repeated Start in
this case.
2
MIFn_SCL_MON_ENA
1
Enables bus monitoring functions on
SCLK
0 = Disabled
1 = Enabled
This feature enables support for
clock stretching by Slave devices,
and enables Bus Synchronisation as
part of multi-master operation.
1
MIFn_RPT_START
0
Selects the action taken on
completion of a bus transaction.
0 = Stop Condition sent.
1 = Stop Condition not sent; next
transaction will commence with a
Repeated Start.
Note that, if the Stop Condition is not
sent, the Master retains control of the
bus until a subsequent action is
scheduled. The next transaction will
commence with a Repeated Start in
this case.
0
MIFn_START_BYTE_ENA
0
Selects whether a Start Byte is
transmitted before an I2C
transaction.
0 = Disabled
1 = Enabled
The Start Byte is a dummy
transaction that provides support for
bus devices that use low-frequency
polling to detect I2C activity. The
Start Byte, when enabled, is
transmitted before the Slave Address
byte(s). It is not acknowledged on the
bus by any device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com