Electronic Components Datasheet Search
  English  ▼

X  

CS47L85 Datasheet(PDF) 148 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 148 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 144Page - Cirrus Logic CS47L85 Datasheet HTML 145Page - Cirrus Logic CS47L85 Datasheet HTML 146Page - Cirrus Logic CS47L85 Datasheet HTML 147Page - Cirrus Logic CS47L85 Datasheet HTML 148Page - Cirrus Logic CS47L85 Datasheet HTML 149Page - Cirrus Logic CS47L85 Datasheet HTML 150Page - Cirrus Logic CS47L85 Datasheet HTML 151Page - Cirrus Logic CS47L85 Datasheet HTML 152Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 370 page
background image
CS47L85
148
Rev 4.3
The Event Logger control registers are described in Table 33.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
Event Log 1 Base Address = R294912 (48000h)
Event Log 2 Base Address = R295424 (48200h)
Event Log 3 Base Address = R295936 (48400h)
Event Log 4 Base Address = R296448 (48600h)
Event Log 5 Base Address = R296960 (48800h)
Event Log 6 Base Address = R297472 (48A00h)
Event Log 7 Base Address = R297984 (48C00h)
Event Log 8 Base Address = R298496 (48E00h)
base address
EVENTLOGn_CONTR
OL
1
EVENTLOGn_RST
0
Event Log Reset
Write ‘1’ to Reset the status outputs
and clear the FIFO buffer.
0
EVENTLOGn_ENA
0
Event Log Enable
0 = Disabled
1 = Enabled
base address +04h
EVENTLOGn_TIMER_
SEL
1:0
EVENTLOGn_TIMER_SEL
[1:0]
00
Event Log Timer Source Select
00 = Timer 1
01 = Timer 2
10 = Timer 3
11 = Timer 4
Note that the Event Log must be
disabled when updating this register
base address +0Ch
EVENTLOGn_FIFO_C
ONTROL1
3:0
EVENTLOGn_FIFO_WMAR
K [3:0]
1h
Event Log FIFO Watermark
The Watermark status output is
asserted when the number of FIFO
locations available for new events is
less than or equal to the FIFO
Watermark.
Valid from 0 to 15.
base address +0Eh
EVENTLOGn_FIFO_P
OINTER1
18
EVENTLOGn_FULL
0
Event Log FIFO Full Status
This bit, when set, indicates that the
FIFO buffer is full. It is cleared when a
new value is written to the FIFO Read
Pointer, or when the Event Log is
Reset.
17
EVENTLOGn_WMARK_ST
S
0
Event Log FIFO Watermark Status
This bit, when set, indicates that the
FIFO space available for new events
to be logged is less than or equal to
the Watermark threshold.
16
EVENTLOGn_NOT_EMPTY
0
Event Log FIFO Not Empty Status
This bit, when set, indicates one or
more new sets of logged event data in
the FIFO.
11:8
EVENTLOGn_FIFO_WPTR
[3:0]
0h
Event Log FIFO Write Pointer
Indicates the FIFO index location in
which the next event will be logged.
This is a read-only field.
3:0
EVENTLOGn_FIFO_RPTR
[3:0]
0h
Event Log FIFO Read Pointer
Indicates the FIFO index location of
the first set of unread data, if any
exists. For the intended FIFO
behaviour, this field must be
incremented after the respective data
has been read.
base address +20h
EVENTLOGn_CH_ENA
BLE
15
EVENTLOGn_CH16_ENA
0
Event Log Channel 16 Enable
0 = Disabled
1 = Enabled
14
EVENTLOGn_CH15_ENA
0
Event Log Channel 15 Enable
Register description is as above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com