Electronic Components Datasheet Search
  English  ▼

X  

CS47L85 Datasheet(PDF) 153 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 153 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 149Page - Cirrus Logic CS47L85 Datasheet HTML 150Page - Cirrus Logic CS47L85 Datasheet HTML 151Page - Cirrus Logic CS47L85 Datasheet HTML 152Page - Cirrus Logic CS47L85 Datasheet HTML 153Page - Cirrus Logic CS47L85 Datasheet HTML 154Page - Cirrus Logic CS47L85 Datasheet HTML 155Page - Cirrus Logic CS47L85 Datasheet HTML 156Page - Cirrus Logic CS47L85 Datasheet HTML 157Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 370 page
background image
CS47L85
Rev 4.3
153
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
READ
8:0
EVENTLOGn_FIFO13_ID
[8:0]
000h
Event Log FIFO Index 13 source
Register description is as above.
base address +B6h
EVENTLOGn_FIFO13_
TIME
31:0
EVENTLOGn_FIFO13_TIM
E [31:0]
0000
0000h
Event Log FIFO Index 13 Time
base address +B8h
EVENTLOGn_FIFO14_
READ
12
EVENTLOGn_FIFO14_POL
0
Event Log FIFO Index 14 polarity
Register description is as above.
8:0
EVENTLOGn_FIFO14_ID
[8:0]
000h
Event Log FIFO Index 14 source
Register description is as above.
base address +BAh
EVENTLOGn_FIFO14_
TIME
31:0
EVENTLOGn_FIFO14_TIM
E [31:0]
0000
0000h
Event Log FIFO Index 14 Time
base address +BCh
EVENTLOGn_FIFO15_
READ
12
EVENTLOGn_FIFO15_POL
0
Event Log FIFO Index 15 polarity
Register description is as above.
8:0
EVENTLOGn_FIFO15_ID
[8:0]
000h
Event Log FIFO Index 15 source
Register description is as above.
base address +BEh
EVENTLOGn_FIFO15_
TIME
31:0
EVENTLOGn_FIFO15_TIM
E [31:0]
0000
0000h
Event Log FIFO Index 15 Time
Table 33 Event Logger (EVENTLOGn) Control
A list of the valid input sources for the Event Loggers is provided in Table 34.
The “EDGE” type noted is coded as “S” (single edge) or “D” (dual edge). Note that a single-edge input source will only
provide valid input to the Event Logger in the default (Rising Edge Triggered) polarity.
It is advised to take care when enabling IRQ1 or IRQ2 as an input source for the Event Loggers; a recursive loop, where the
IRQ signal is also an output from the same Event Logger, must be avoided.
ID
DESCRIPTION
EDGE
ID
DESCRIPTION
EDGE
ID
DESCRIPTION
EDGE
3
irq1
D
259
gpio4
D
354
event3_full
S
4
irq2
D
260
gpio5
D
355
event4_full
S
9
sysclk_fail
S
261
gpio6
D
356
event5_full
S
24
fll1_lock
D
262
gpio7
D
357
event6_full
S
25
fll2_lock
D
263
gpio8
D
358
event7_full
S
26
fll3_lock
D
264
gpio9
D
359
event8_full
S
32
frame_start_g1r1
S
265
gpio10
D
368
event1_wmark
S
33
frame_start_g1r2
S
266
gpio11
D
369
event2_wmark
S
34
frame_start_g1r3
S
267
gpio12
D
370
event3_wmark
S
40
frame_start_g2r1_sys
S
268
gpio13
D
371
event4_wmark
S
41
frame_start_g2r2_sys
S
269
gpio14
D
372
event5_wmark
S
80
hpdet
S
270
gpio15
D
373
event6_wmark
S
88
micdet
S
271
gpio16
D
374
event7_wmark
S
96
jd1_rise
S
272
gpio17
D
375
event8_wmark
S
97
jd1_fall
S
273
gpio18
D
384
dsp1_dma
S
98
jd2_rise
S
274
gpio19
D
385
dsp2_dma
S
99
jd2_fall
S
275
gpio20
D
386
dsp3_dma
S
100
micd_clamp_rise
S
276
gpio21
D
387
dsp4_dma
S
101
micd_clamp_fall
S
277
gpio22
D
388
dsp5_dma
S
128
drc1_sig_det
D
278
gpio23
D
389
dsp6_dma
S
129
drc2_sig_det
D
279
gpio24
D
390
dsp7_dma
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com