Electronic Components Datasheet Search
  English  ▼

X  

CS47L85 Datasheet(PDF) 157 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 157 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 153Page - Cirrus Logic CS47L85 Datasheet HTML 154Page - Cirrus Logic CS47L85 Datasheet HTML 155Page - Cirrus Logic CS47L85 Datasheet HTML 156Page - Cirrus Logic CS47L85 Datasheet HTML 157Page - Cirrus Logic CS47L85 Datasheet HTML 158Page - Cirrus Logic CS47L85 Datasheet HTML 159Page - Cirrus Logic CS47L85 Datasheet HTML 160Page - Cirrus Logic CS47L85 Datasheet HTML 161Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 370 page
background image
CS47L85
Rev 4.3
157
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
14:12
TIMERn_REFCLK_DIV [2:0]
000
Timer Reference Clock Divide
(Not valid for DSPCLK source).
000 = Divide by 1
001 = Divide by 2
010 = Divide by 4
011 = Divide by 8
100 = Divide by 16
101 = Divide by 32
110 = Divide by 64
111 = Divide by 128
If DSPCLK is enabled, and DSPCLK
is not selected as source, then the
output frequency from this divider
must be set less than or equal to
DSPCLK/3, and less than or equal to
12MHz.
If DSPCLK is disabled, then the output
of this divider will be used as clock
reference for any associated Event
Logger. In this case, the divider output
corresponds to the frequency of Event
Logging opportunities on the
respective module(s).
Timer must be stopped
(TIMERn_RUNNING_STS=0) when
updating this register
10:8
TIMERn_REFCLK_FREQ_S
EL [2:0]
000
Timer Reference Frequency Select
Only valid when SYSCLK,
ASYNCCLK, or DSPCLK is the
source. The selected frequency must
be less than or equal to the frequency
of the respective source.
SYSCLK or ASYNCCLK source:
000 = 6.144MHz (5.6448MHz)
001 = 12.288MHz (11.2896MHz)
010 = 24.576MHz (22.5792MHz)
011 = 49.152MHz (45.1584MHz)
All other codes are Reserved
DSPCLK source:
000 = 5.5MHz to 9.375MHz
001 = 9.375MHz to 18.75MHz
010 = 18.75MHz to 37.5MHz
011 = 37.5MHz to 75MHz
All other codes are Reserved
Note that, because DSPCLK could be
any frequency (within the valid
ranges), it is not possible to quote
exact frequencies in this register
definition. The exact frequency will be
derived as DSPCLK divided by 1, 2, 4,
8, or 16.
Timer must be stopped
(TIMERn_RUNNING_STS=0) when
updating this register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com