Electronic Components Datasheet Search
  English  ▼

X  

VL53L7CX Datasheet(PDF) 6 Page - STMicroelectronics

Part # VL53L7CX
Description  Time-of-Flight 8x8 multizone ranging sensor with 90 FoV
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L7CX Datasheet(HTML) 6 Page - STMicroelectronics

Back Button VL53L7CX Datasheet HTML 2Page - STMicroelectronics VL53L7CX Datasheet HTML 3Page - STMicroelectronics VL53L7CX Datasheet HTML 4Page - STMicroelectronics VL53L7CX Datasheet HTML 5Page - STMicroelectronics VL53L7CX Datasheet HTML 6Page - STMicroelectronics VL53L7CX Datasheet HTML 7Page - STMicroelectronics VL53L7CX Datasheet HTML 8Page - STMicroelectronics VL53L7CX Datasheet HTML 9Page - STMicroelectronics VL53L7CX Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
Table 3. VL53L7CX pin description
Pin number
Signal name
Signal type
Signal description
A1
I2C_RST
Digital input
I2C interface reset pin, active high. Toggle this
pin from 0 to 1, then back to 0 to reset the I2C
slave. Connect to GND via 47 kΩ resistor.
A2
RSVD4
Reserved
Connect to ground
A3
INT
Digital input/output
(I/O)
Interrupt output, defaults to opendrain output
(tristate), 47 kΩ pullup resistor to IOVDD required
A4
IOVDD
Power
1.8 V, 2.8 V or 3.3 V supply for digital core and
I/O supply
A5
LPn
Digital input
Comms enable. Drive this pin to logic 0 to
disable the I2C comms when the device is in
LP mode. Drive this pin to logic 1 to enable I2C
comms in LP mode. Typically used when it is
required to change the I2C adress in multidevice
systems. A 47 kΩ pullup resistor to IOVDD is
required.
A6
RSVD1
Reserved
Connect to ground
A7
RSVD2
Reserved
Connect to ground
B1
AVDD
Power
2.8 V or 3.3 V analog and VCSEL supply
B4
THERMALPAD
Ground
Connect to a ground plane to allow good thermal
conduction
B7
AVDD
Power
2.8 V or 3.3 V analog and VCSEL supply
C1
GND
Ground
Ground
C2
RSVD6
Reserved
General purpose I/O, defaults to opendrain
output (tristate), 47 kΩ pullup resistor to IOVDD
required
C3
SDA
Digital I/O
Data (bidirectional), 2.2 kΩ pullup resistor to
IOVDD required
C4
SCL
Digital input
Clock (input), 2.2 kΩ pullup resistor to IOVDD
required
C5
RSVD5
Reserved
Do not connect
C6
RSVD3
Reserved
Connect to ground
C7
GND
Ground
Ground
Note:
The THERMALPAD pin has to be connected to ground (for more information refer to AN5853).
Note:
All digital signals must be driven to the IOVDD level.
Note:
Toggling the I2C_RST pin resets the sensor I2C communication only. It does not reset the sensor itself. To reset
the sensor refer to the sensor reset management procedure (UM3038).
VL53L7CX
Device pinout
DS13865 - Rev 3
page 6/40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com