Electronic Components Datasheet Search
  English  ▼

X  

VL53L7CX Datasheet(PDF) 17 Page - STMicroelectronics

Part # VL53L7CX
Description  Time-of-Flight 8x8 multizone ranging sensor with 90 FoV
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L7CX Datasheet(HTML) 17 Page - STMicroelectronics

Back Button VL53L7CX Datasheet HTML 13Page - STMicroelectronics VL53L7CX Datasheet HTML 14Page - STMicroelectronics VL53L7CX Datasheet HTML 15Page - STMicroelectronics VL53L7CX Datasheet HTML 16Page - STMicroelectronics VL53L7CX Datasheet HTML 17Page - STMicroelectronics VL53L7CX Datasheet HTML 18Page - STMicroelectronics VL53L7CX Datasheet HTML 19Page - STMicroelectronics VL53L7CX Datasheet HTML 20Page - STMicroelectronics VL53L7CX Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
4.5
Digital input and output
The following tables summarize the digital I/O electrical characteristics.
Table 15. INT, I2C_RST, LPn
Symbol
Parameter
IOVDD
configuration
Min.
Max.
Unit
VIL
Low level input voltage
1.8 V
-0.3
0.35* IOVDD
V
2.8 V - 3.3 V
VIH
High level input voltage
1.8 V
0.65*IOVDD
2.28
2.8 V - 3.3 V
3.6
VOL
Low level output voltage
(IOUT = 4 mA)
1.8 V
—
0.4
2.8 V - 3.3 V
VOH
High level output voltage
(IOUT = 4 mA)
1.8 V
1.22
—
2.8 V - 3.3 V
2.1
Table 16. I2C interface (SDA/SCL)
Symbol
Parameter
IOVDD
configuration
Min.
Max.
Unit
VIL
Low level input
voltage
1.8 V
-0.3
0.54
V
2.8 V - 3.3 V
0.3*IOVDD
VIH
High level input
voltage
1.8 V
1.13
2.28
2.8 V - 3.3 V
3.6
VOL
Low level output
voltage
(Iout = 4 mA)
1.8 V
—
0.4
2.8 V- 3.3 V
IIL/IH
Leakage from IOVDD supply
—
2.5
μA
Leakage from IOVDD pad
—
1
Note:
I2C pads use 1V8 switching thresholds for all IOVDD supplies.
Note:
A maximum load of 12 mA is assumed in the above table.
VL53L7CX
Digital input and output
DS13865 - Rev 3
page 17/40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com