Electronic Components Datasheet Search
  English  ▼

X  

VL53L7CX Datasheet(PDF) 7 Page - STMicroelectronics

Part # VL53L7CX
Description  Time-of-Flight 8x8 multizone ranging sensor with 90 FoV
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L7CX Datasheet(HTML) 7 Page - STMicroelectronics

Back Button VL53L7CX Datasheet HTML 3Page - STMicroelectronics VL53L7CX Datasheet HTML 4Page - STMicroelectronics VL53L7CX Datasheet HTML 5Page - STMicroelectronics VL53L7CX Datasheet HTML 6Page - STMicroelectronics VL53L7CX Datasheet HTML 7Page - STMicroelectronics VL53L7CX Datasheet HTML 8Page - STMicroelectronics VL53L7CX Datasheet HTML 9Page - STMicroelectronics VL53L7CX Datasheet HTML 10Page - STMicroelectronics VL53L7CX Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
1.6
Application schematic
The figures below show the application schematic of the VL53L7CX with different IOVDD and AVDD
combinations.
Figure 5. Typical application schematic
6.3V
4.7uF
10V
100nF
R7
47k
47k
RSVD3
C6
RSVD2
A7
RSVD1
A6
SDA
C3
RSVD5
C5
RSVD6
C2
LPn
A5
SCL
C4
RSVD4
A2
I2C_RST
A1
U2
ToF sensor
47k
AVDD
IOVDD
IOVDD
IOVDD
Host MCU
2.2k
2.2k
47k
A3
INT
IOVDD = [1.8 V, 2.8 V, 3.3 V]
AVDD = [2.8 V, 3.3 V]
Note:
Capacitors on the external supplies (AVDD and IOVDD) should be placed as close as possible to the module
pins.
VL53L7CX
Application schematic
DS13865 - Rev 3
page 7/40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com