Electronic Components Datasheet Search
  English  ▼

X  

VL53L7CX Datasheet(PDF) 16 Page - STMicroelectronics

Part # VL53L7CX
Description  Time-of-Flight 8x8 multizone ranging sensor with 90 FoV
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L7CX Datasheet(HTML) 16 Page - STMicroelectronics

Back Button VL53L7CX Datasheet HTML 12Page - STMicroelectronics VL53L7CX Datasheet HTML 13Page - STMicroelectronics VL53L7CX Datasheet HTML 14Page - STMicroelectronics VL53L7CX Datasheet HTML 15Page - STMicroelectronics VL53L7CX Datasheet HTML 16Page - STMicroelectronics VL53L7CX Datasheet HTML 17Page - STMicroelectronics VL53L7CX Datasheet HTML 18Page - STMicroelectronics VL53L7CX Datasheet HTML 19Page - STMicroelectronics VL53L7CX Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
4.4
Current consumption
The current consumption values are given in the table below.
•
Typical values quoted are for nominal voltage, process, and temperature (23°C).
•
Maximum values are quoted for worst case conditions (process, voltage, and temperature) unless stated
otherwise (70°C).
Table 12. Current consumption
Device State
Average current consumption
Unit
AVDD
IOVDD
Typ.
Max.
Typ.
Max.
LP idle
45
300
0.1
1
μA
HP idle
1.3
1.6
2.8
35
mA
Active ranging(1)
45
50
50
80
mA
1. Active ranging is when the device is actively ranging. The current consumption is not affected by 4x4 or 8x8 zone
configuration
IOVDD peak current is the average value +10 mA.
AVDD peak current is the average current +10 mA.
Table 13. Example of typical power consumption in continuous mode
Parameter
2V8/1V8
2V8/2V8
3V3/3V3
Unit
Continuous mode (4x4
mode or 8x8 mode)
216
266
313
mW
Table 14. Example of typical power consumption in autonomous mode
Parameter
2V8/1V8
2V8/2V8
3V3/3V3
Unit
4x4 mode - 1 Hz frame rate with 20 ms
integration time
5.4
6.7
8.3
mW
4x4 mode - 5 Hz frame rate with 20 ms
integration time
25
31
39
8x8 mode - 1 Hz frame rate with 20 ms
integration time
19
24
29
8x8 mode - 5 Hz frame rate with 20 ms
integration time
88
112
135
VL53L7CX
Current consumption
DS13865 - Rev 3
page 16/40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com