Electronic Components Datasheet Search
  English  ▼

X  

VL53L7CX Datasheet(PDF) 37 Page - STMicroelectronics

Part # VL53L7CX
Description  Time-of-Flight 8x8 multizone ranging sensor with 90 FoV
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L7CX Datasheet(HTML) 37 Page - STMicroelectronics

Back Button VL53L7CX Datasheet HTML 32Page - STMicroelectronics VL53L7CX Datasheet HTML 33Page - STMicroelectronics VL53L7CX Datasheet HTML 34Page - STMicroelectronics VL53L7CX Datasheet HTML 35Page - STMicroelectronics VL53L7CX Datasheet HTML 36Page - STMicroelectronics VL53L7CX Datasheet HTML 37Page - STMicroelectronics VL53L7CX Datasheet HTML 38Page - STMicroelectronics VL53L7CX Datasheet HTML 39Page - STMicroelectronics VL53L7CX Datasheet HTML 40Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 37 / 40 page
background image
Revision history
Table 26. Document revision history
Date
Version
Changes
09-Dec-2021
1
Initial release
29-Jun-2022
2
Updated Figure 14. VL53L7CX data format (sequential write).
12-Sep-2022
3
Updated the cover image.
Updated Features, Application, and Description.
Indicated the ranging in Section 1.1 Technical specifications.
Updated Figure 1. System FoV and exclusion zone description (not to scale).
Modified the diagonal angle for detection volume in Table 2. FoV angles.
Added Section 1.3 Field of illumination.
Updated the references to the application note and user manual in the notes
at the end of Section 1.5 Device pinout.
Updated values in Table 14. Example of typical power consumption in
autonomous mode
In Section 5.2 Continuous ranging mode entered the value for
Table 17. Maximum ranging capabilities when ranging continuously at 30 Hz,
Table 18. Max ranging capabilities when ranging continuously at 15 Hz, and
Table 19. Range accuracy in continuous mode.
In Section 5.3 Autonomous ranging mode entered the value for
Table 20. Maximum ranging capabilities when ranging with Autonomous
mode at 1 Hz – 4x4 – integration time 20 ms, Table 21. Maximum ranging
capabilities when ranging with Autonomous mode at 1 Hz – 8x8 – integration
time 20 ms, and Table 22. Range accuracy – Autonomous mode.
Modified the drift value in Section 5.4 Range offset drift over temperature.
Updated figures in Section 6 Outline drawings.
Updated Figure 29. 2D product marking code.
VL53L7CX
DS13865 - Rev 3
page 37/40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com