Electronic Components Datasheet Search
  English  ▼

X  

VL53L7CX Datasheet(PDF) 31 Page - STMicroelectronics

Part # VL53L7CX
Description  Time-of-Flight 8x8 multizone ranging sensor with 90 FoV
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L7CX Datasheet(HTML) 31 Page - STMicroelectronics

Back Button VL53L7CX Datasheet HTML 27Page - STMicroelectronics VL53L7CX Datasheet HTML 28Page - STMicroelectronics VL53L7CX Datasheet HTML 29Page - STMicroelectronics VL53L7CX Datasheet HTML 30Page - STMicroelectronics VL53L7CX Datasheet HTML 31Page - STMicroelectronics VL53L7CX Datasheet HTML 32Page - STMicroelectronics VL53L7CX Datasheet HTML 33Page - STMicroelectronics VL53L7CX Datasheet HTML 34Page - STMicroelectronics VL53L7CX Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 40 page
background image
8.2
Inner box labeling
The labeling follows the ST standard packing acceptance specification.
The following information is on the inner box label:
•
Assembly site
•
Sales type
•
Quantity
•
Trace code
•
Marking
•
Bulk ID number
8.3
Packing
At customer/subcontractor level, it is recommended to mount the VL53L7CX in a clean environment.
To help avoid any foreign material contamination at final assembly level the modules are shipped in a tape and
reel format with a protective liner.
The liner is compliant with reflow at 260 °C (as per JEDEC-STD-020E).
Note:
The liner must be removed during assembly of the customer device, just before mounting the cover glass.
8.4
Tape outline drawing
Figure 30. VL53L7CX tape outline and reel packaging drawing
VL53L7CX
Inner box labeling
DS13865 - Rev 3
page 31/40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com