Electronic Components Datasheet Search
  English  ▼

X  

VL53L7CX Datasheet(PDF) 3 Page - STMicroelectronics

Part # VL53L7CX
Description  Time-of-Flight 8x8 multizone ranging sensor with 90 FoV
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L7CX Datasheet(HTML) 3 Page - STMicroelectronics

  VL53L7CX Datasheet HTML 1Page - STMicroelectronics VL53L7CX Datasheet HTML 2Page - STMicroelectronics VL53L7CX Datasheet HTML 3Page - STMicroelectronics VL53L7CX Datasheet HTML 4Page - STMicroelectronics VL53L7CX Datasheet HTML 5Page - STMicroelectronics VL53L7CX Datasheet HTML 6Page - STMicroelectronics VL53L7CX Datasheet HTML 7Page - STMicroelectronics VL53L7CX Datasheet HTML 8Page - STMicroelectronics VL53L7CX Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
1
Product overview
1.1
Technical specifications
Table 1. Technical specifications
Feature
Details
Package
Optical LGA16
Size
6.4 x 3.0 x 1.6 mm
Ranging
2 to 350 cm per zone
Operating voltage
IOVDD: 1.8 or 2.8 V or 3.3 V
AVDD: 2.8 V or 3.3 V
Operating temperature
-30 to 85 °C
Sample rate
Up to 60 Hz
Infrared emitter
940 nm
I2C interface
I2C: serial bus, address: 0x52
Operating ranging mode
Continuous or Autonomous (see UM3038 for more information)
1.2
Field of view
Rx (or collector) exclusion zone includes all modules assembly tolerances and is used to define the cover window
dimensions. The cover window opening must be equal to or wider than the exclusion zone.
The detection volume represents the applicative or system FoV in which a target is detected, and a distance
measured. It is determined by the Rx lens or the Rx aperture, and is narrower than the exclusion zone.
Figure 1. System FoV and exclusion zone description (not to scale)
Table 2. FoV angles
Horizontal
Vertical
Diagonal
Detection volume
60o
60o
90o
Collector exclusion zone
74o
74o
105o
Note:
Detection volume depends on the environment and sensor configuration as well as target distance, reflectance,
ambient light level, sensor resolution, sharpener, ranging mode, and integration time.
VL53L7CX
Product overview
DS13865 - Rev 3
page 3/40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com