Electronic Components Datasheet Search
  English  ▼

X  

VL53L7CX Datasheet(PDF) 22 Page - STMicroelectronics

Part # VL53L7CX
Description  Time-of-Flight 8x8 multizone ranging sensor with 90 FoV
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L7CX Datasheet(HTML) 22 Page - STMicroelectronics

Back Button VL53L7CX Datasheet HTML 18Page - STMicroelectronics VL53L7CX Datasheet HTML 19Page - STMicroelectronics VL53L7CX Datasheet HTML 20Page - STMicroelectronics VL53L7CX Datasheet HTML 21Page - STMicroelectronics VL53L7CX Datasheet HTML 22Page - STMicroelectronics VL53L7CX Datasheet HTML 23Page - STMicroelectronics VL53L7CX Datasheet HTML 24Page - STMicroelectronics VL53L7CX Datasheet HTML 25Page - STMicroelectronics VL53L7CX Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
5.3
Autonomous ranging mode
5.3.1
Measurement conditions
The following criteria and test conditions apply to all the characterisation results detailed in this section unless
specified otherwise:
•
The specified target fills 100% of the field of view of the device (in all zones).
•
Targets used are Munsell N4.75 (17%) and Munsell N9.5 (88%).
•
AVDD is 2.8 V, IOVDD is 1.8 V.
•
Nominal ambient temperature is 23°C.
•
Maximum range capability is based on a 90 % detection rate (1).
•
Range accuracy figures are based on 2.7 sigma ie 99.3% of measurements are within the specified
accuracy.
•
Tests are performed in the dark and at 2 W/m2 target illumination (940 nm). A 2 W/m2 target irradiance at
940 nm is equivalent to 5 kLux daylight.
•
All tests are performed without cover glass with crosstalk margin set to 0 kcps.
•
The sensor relies on default calibration data.
•
The device is controlled thought the API using the default driver settings.
1. Detection rate is a statistical value indicating the worst case percentage of measurements that return a valid ranging. For
example, taking 1000 measurements with 90 % detection rate gives 900 valid distances. The 100 other distances may be
outside the specification or flagged with an invalid target status.
5.3.2
Maximum ranging distance 4x4
The table below shows the maximum ranging capability of the VL53L7CX under different conditions. Refer to
Section 5.3.1 Measurement conditions for the general test conditions.
Table 20. Maximum ranging capabilities when ranging with Autonomous mode at 1 Hz – 4x4 – integration
time 20 ms
Target reflectance
Zone
Dark (0 klux)
Ambient light (5 klux)
White target (88%)
Inner
Typical 3300 mm
Minimum 3200 mm
Typical 650 mm
Minimum 600 mm
Corner
Typical 3400 mm
Minimum 3000 mm
Typical 600 mm
Minimum 600 mm
Lite grey target (54%)
Inner
Typical 2750 mm
Minimum 2700 mm
Typical 600 mm
Minimum 600 mm
Corner
Typical 2750 mm
Minimum 2500 mm
Typical 600 mm
Minimum 550 mm
Grey target (17%)
Inner
Typical 1250 mm
Minimum 1200 mm
Typical 500 mm
Minimum 500 mm
Corner
Typical 1250 mm
Minimum 1150 mm
Typical 500 mm
Minimum 500 mm
The table below shows the maximum ranging capability of the VL53L7CX under different conditions. Refer to
Section 5.3.1 Measurement conditions for the general test conditions.
VL53L7CX
Autonomous ranging mode
DS13865 - Rev 3
page 22/40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com