Electronic Components Datasheet Search
  English  ▼

X  

VL53L7CX Datasheet(PDF) 23 Page - STMicroelectronics

Part # VL53L7CX
Description  Time-of-Flight 8x8 multizone ranging sensor with 90 FoV
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L7CX Datasheet(HTML) 23 Page - STMicroelectronics

Back Button VL53L7CX Datasheet HTML 19Page - STMicroelectronics VL53L7CX Datasheet HTML 20Page - STMicroelectronics VL53L7CX Datasheet HTML 21Page - STMicroelectronics VL53L7CX Datasheet HTML 22Page - STMicroelectronics VL53L7CX Datasheet HTML 23Page - STMicroelectronics VL53L7CX Datasheet HTML 24Page - STMicroelectronics VL53L7CX Datasheet HTML 25Page - STMicroelectronics VL53L7CX Datasheet HTML 26Page - STMicroelectronics VL53L7CX Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
Table 21. Maximum ranging capabilities when ranging with Autonomous mode at 1 Hz – 8x8 – integration
time 20 ms
Target reflectance level. Full FoV (reflectance %)
Zone
Dark (0 klux)
Ambient light (5 klux)
White target (88%)
Inner
Typical 2000 mm
Minimum 1800 mm
Typical 550 mm
Minimum 500 mm
Corner
Typical 1900 mm
Minimum 1200 mm
Typical 550 mm
Minimum 500 mm
Lite grey target (54%)
Inner
Typical 1700 mm
Minimum 1500 mm
Typical 500 mm
Minimum 500 mm
Corner
Typical 1400 mm
Minimum 1000 mm
Typical 500 mm
Minimum 500 mm
Grey target (17%)
Inner
Typical 800 mm
Minimum 800 mm
Typical 500 mm
Minimum 450 mm
Corner
Typical 950 mm
Minimum 850 mm
Typical 400 mm
Minimum 400 mm
VL53L7CX
Autonomous ranging mode
DS13865 - Rev 3
page 23/40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com