Electronic Components Datasheet Search
  English  ▼

X  

VL53L7CX Datasheet(PDF) 38 Page - STMicroelectronics

Part # VL53L7CX
Description  Time-of-Flight 8x8 multizone ranging sensor with 90 FoV
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L7CX Datasheet(HTML) 38 Page - STMicroelectronics

Back Button VL53L7CX Datasheet HTML 32Page - STMicroelectronics VL53L7CX Datasheet HTML 33Page - STMicroelectronics VL53L7CX Datasheet HTML 34Page - STMicroelectronics VL53L7CX Datasheet HTML 35Page - STMicroelectronics VL53L7CX Datasheet HTML 36Page - STMicroelectronics VL53L7CX Datasheet HTML 37Page - STMicroelectronics VL53L7CX Datasheet HTML 38Page - STMicroelectronics VL53L7CX Datasheet HTML 39Page - STMicroelectronics VL53L7CX Datasheet HTML 40Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 38 / 40 page
background image
Contents
1
Product overview ..................................................................3
1.1
Technical specifications ......................................................... 3
1.2
Field of view ................................................................... 3
1.3
Field of illumination ............................................................. 4
1.4
System block diagram .......................................................... 5
1.5
Device pinout .................................................................. 5
1.6
Application schematic ........................................................... 7
2
Functional description .............................................................8
2.1
Software interface .............................................................. 8
2.2
Power state machine ........................................................... 8
2.3
Power up sequence ............................................................ 9
2.3.1
Power up slew.......................................................... 10
2.3.2
Power up and I2C access ................................................. 10
3
I2C control interface ..............................................................11
3.1
I2C interface - timing characteristics .............................................. 13
4
Electrical characteristics..........................................................15
4.1
Absolute maximum ratings...................................................... 15
4.2
Recommended operating conditions ............................................. 15
4.3
Electrostatic discharge (ESD) ................................................... 15
4.4
Current consumption .......................................................... 16
4.5
Digital input and output......................................................... 17
5
Ranging performance.............................................................18
5.1
Zone mapping ................................................................ 18
5.1.1
Zone mapping 4x4 ...................................................... 18
5.1.2
Zone mapping 8x8 ...................................................... 18
5.1.3
Effective zone orientation ................................................. 19
5.2
Continuous ranging mode ...................................................... 19
5.2.1
Measurement conditions .................................................. 19
5.2.2
Maximum ranging distance 4x4............................................. 20
5.2.3
Maximum ranging distance 8x8............................................. 20
5.2.4
Range accuracy in continuous mode ........................................ 21
5.3
Autonomous ranging mode ..................................................... 22
5.3.1
Measurement conditions .................................................. 22
5.3.2
Maximum ranging distance 4x4............................................. 22
VL53L7CX
Contents
DS13865 - Rev 3
page 38/40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com