Electronic Components Datasheet Search
  English  ▼

X  

VL53L7CX Datasheet(PDF) 32 Page - STMicroelectronics

Part # VL53L7CX
Description  Time-of-Flight 8x8 multizone ranging sensor with 90 FoV
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L7CX Datasheet(HTML) 32 Page - STMicroelectronics

Back Button VL53L7CX Datasheet HTML 28Page - STMicroelectronics VL53L7CX Datasheet HTML 29Page - STMicroelectronics VL53L7CX Datasheet HTML 30Page - STMicroelectronics VL53L7CX Datasheet HTML 31Page - STMicroelectronics VL53L7CX Datasheet HTML 32Page - STMicroelectronics VL53L7CX Datasheet HTML 33Page - STMicroelectronics VL53L7CX Datasheet HTML 34Page - STMicroelectronics VL53L7CX Datasheet HTML 35Page - STMicroelectronics VL53L7CX Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
8.5
Pb-free solder reflow process
The table and figure below show the recommended and maximum values for the solder profile.
Customers have to tune the reflow profile depending on the PCB, solder paste and material used. We expect
customers to follow the “recommended” reflow profile, which is specifically tuned for the VL53L7CX package.
For any reason, if a customer must perform a reflow profile which is different from the “recommended” one
(especially peak >240 °C), the new profile must be qualified by the customer at their own risk. In any case, the
profile has to be within the “maximum” profile limit described in the table below.
Table 23. Recommended solder profile
Parameters
Recommended
Maximum
Units
Minimum temperature (TS min)
Maximum temperature (TS max)
Time ts (TS min to TS max)
130
200
90-110
150
200
60-120
°C
°C
s
Temperature (TL)
Time (tL)
Ramp up
217
55-65
2
217
55-65
3
°C
s
°C/s
Temperature (Tp-10)
Time (tp-10)
Ramp up
—
—
—
235
10
3
°C
s
°C/s
Peak temperature (Tp)
240
260
°C
Time to peak
300
300
s
Ramp down (peak to TL)
-4
-6
°C/s
Figure 31. Solder profile
Note:
The component should be limited to a maximum of three passes through this solder profile.
Note:
As the VL53L7CX package is not sealed, only a dry reflow process should be used (such as convection reflow).
Vapor phase reflow is not suitable for this type of optical component.
Note:
The VL53L7CX is an optical component and as such, it should be treated carefully. This would typically include
using a ‘no-wash’ assembly process.
VL53L7CX
Pb-free solder reflow process
DS13865 - Rev 3
page 32/40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com