Electronic Components Datasheet Search
  English  ▼

X  

VL53L7CX Datasheet(PDF) 4 Page - STMicroelectronics

Part # VL53L7CX
Description  Time-of-Flight 8x8 multizone ranging sensor with 90 FoV
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L7CX Datasheet(HTML) 4 Page - STMicroelectronics

  VL53L7CX Datasheet HTML 1Page - STMicroelectronics VL53L7CX Datasheet HTML 2Page - STMicroelectronics VL53L7CX Datasheet HTML 3Page - STMicroelectronics VL53L7CX Datasheet HTML 4Page - STMicroelectronics VL53L7CX Datasheet HTML 5Page - STMicroelectronics VL53L7CX Datasheet HTML 6Page - STMicroelectronics VL53L7CX Datasheet HTML 7Page - STMicroelectronics VL53L7CX Datasheet HTML 8Page - STMicroelectronics VL53L7CX Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
Note:
The detection volume of Table 2. FoV angles has been measured with a white 88% reflectance perpendicular
target in full FoV, located at 1 m from the sensor, without ambient light (dark conditions), with an 8x8 resolution
and 14% sharpener (default value), in Continuous mode at 15 Hz.
1.3
Field of illumination
The VCSEL field of illumination (FoI) is shown in the figure below. The relative emitted signal power depends on
the FoI angle, and corresponds to:
•
73.8° x 73.8° considering a beam with 75% signal from maximum
•
80.8° x 80.8° considering a beam with 10% signal from maximum
Figure 2. VL53L7CX FoI
VL53L7CX
Field of illumination
DS13865 - Rev 3
page 4/40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com