Electronic Components Datasheet Search
  English  ▼

X  

VL53L7CX Datasheet(PDF) 1 Page - STMicroelectronics

Part # VL53L7CX
Description  Time-of-Flight 8x8 multizone ranging sensor with 90 FoV
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L7CX Datasheet(HTML) 1 Page - STMicroelectronics

  VL53L7CX Datasheet HTML 1Page - STMicroelectronics VL53L7CX Datasheet HTML 2Page - STMicroelectronics VL53L7CX Datasheet HTML 3Page - STMicroelectronics VL53L7CX Datasheet HTML 4Page - STMicroelectronics VL53L7CX Datasheet HTML 5Page - STMicroelectronics VL53L7CX Datasheet HTML 6Page - STMicroelectronics VL53L7CX Datasheet HTML 7Page - STMicroelectronics VL53L7CX Datasheet HTML 8Page - STMicroelectronics VL53L7CX Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
Features
•
Fast and accurate multizone distance ranging sensor with 90° wide FoV
–
60° x 60° square field of view (FoV) (90° diagonal)
–
Multizone ranging output with either 4x4 or 8x8 separate zones
–
Autonomous Low-power mode with interrupt programmable threshold to
wake up the host
–
Up to 350 cm ranging
–
Multitarget detection and distance measurement in each zone
–
60 Hz frame rate capability
–
Histogram processing and algorithmic compensation minimizes or removes
impact of cover glass crosstalk
–
Motion indicator for each zone to show if targets have moved and how they
have moved
•
Fully integrated miniature module
–
Emitter: 940 nm invisible light vertical cavity surface emitting laser (VCSEL)
and integrated analog driver
–
Diffractive optical elements (DOE) on both transmitter and receiver
enabling square FoV
–
Receiving array of single photon avalanche diodes (SPADs)
–
Low-power microcontroller running firmware
–
Size: 6.4 x 3.0 x 1.6 mm
•
Easy integration
–
Single reflowable component
–
Flexible power supply options, single 3.3 V or 2.8 V operation or
combination of either 3.3 V or 2.8 V AVDD with 1.8 V IOVDD
–
Compatible with wide range of cover glass materials
–
Pin-to-pin and driver compatible with VL53L5CX
Application
•
Ultra wide FoV and multizone scanning allows content management (load in
trucks, tanks, waste bins)
•
Applications requiring ultrawide FoV, like smart speakers, vacuum cleaners
(three sensors can cover 180° x 60° FoV)
•
Gesture recognition with wide field of detection
•
Devices requiring ultrawide FoV for user detection to wake-up devices (smart
buildings, smart lighting)
•
Keystone correction for video projectors
•
Robotics applications (SLAM, wall tracking, small object detection, cliff
prediction, floor type recognition)
•
Augmented reality/virtual reality (AR/VR) enhancement. Dual camera
stereoscopy and 3D depth assistance thanks to multizone distance
measurement
•
IoT (user and object detection)
•
Video focus tracking. 60 Hz ranging allows optimization of continuous focus
algorithm
Product status link
VL53L7CX
Time-of-Flight 8x8 multizone ranging sensor with 90° FoV
VL53L7CX
Datasheet
DS13865 - Rev 3 - September 2022
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - VL53L7CX

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VL53L0CXV0DH STMICROELECTRONICS-VL53L0CXV0DH Datasheet
923Kb / 40P
World smallest Time-of-Flight ranging and gesture detection sensor
May 2016 Rev 1
VL53L0CXV0DH/1 STMICROELECTRONICS-VL53L0CXV0DH/1 Datasheet
923Kb / 40P
World smallest Time-of-Flight ranging and gesture detection sensor
May 2016 Rev 1
VL53L0X STMICROELECTRONICS-VL53L0X Datasheet
923Kb / 40P
World smallest Time-of-Flight ranging and gesture detection sensor
May 2016 Rev 1
VL53L1 STMICROELECTRONICS-VL53L1 Datasheet
1Mb / 35P
A new generation, long distance ranging Time-of-Flight sensor based on ST?셲 FlightSensense™ technology
November 2018 Rev 3
VL53L1 STMICROELECTRONICS-VL53L1 Datasheet
1Mb / 39P
New generation Time-of-Flight ranging sensor with advanced multi-zone and multi-object detection
27-Jun-2022
More results

Similar Description - VL53L7CX

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VL53L0X STMICROELECTRONICS-VL53L0X Datasheet
923Kb / 40P
World smallest Time-of-Flight ranging and gesture detection sensor
May 2016 Rev 1
VL53L3CX STMICROELECTRONICS-VL53L3CX Datasheet
1Mb / 35P
Time-of-Flight ranging sensor with multi target detection
Feb-2020
VL53L3CX-SATEL STMICROELECTRONICS-VL53L3CX-SATEL Datasheet
2Mb / 6P
VL53L3CX breakout board Time-of-Flight ranging sensor with multi target
06-Apr-2020
logo
ams AG
TMF8801 AMSCO-TMF8801 Datasheet
218Kb / 2P
Time-of-Flight Sensor
2019-July-22
logo
STMicroelectronics
VL53L5CP STMICROELECTRONICS-VL53L5CP Datasheet
107Kb / 4P
Time-of-Flight ranging sensor for advanced human presence detection
June 2022 Rev 1
VL53L5CX STMICROELECTRONICS-VL53L5CX Datasheet
3Mb / 38P
Time-of-Flight 8x8 multizone ranging sensor with wide field of view
20-Jul-2022
VL53L8CX STMICROELECTRONICS-VL53L8CX Datasheet
3Mb / 42P
Low-power high-performance 8x8 multizone Time-of-Flight sensor
16-Mar-2023
logo
ams AG
TMF8701 AMSCO-TMF8701 Datasheet
1Mb / 66P
Time-of-Flight Sensor
v2-00 2023-Feb-21
logo
STMicroelectronics
VL53L8CH STMICROELECTRONICS-VL53L8CH Datasheet
3Mb / 44P
Artificial intelligence enabler, high performance 8x8 multizone Time-of-Flight (ToF) sensor
08-Aug-2023
logo
List of Unclassifed Man...
TOF400F ETC-TOF400F Datasheet
4Mb / 13P
Time-of-Flight ranging Sensor-4M
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com