Electronic Components Datasheet Search
  English  ▼

X  

VL53L7CX Datasheet(PDF) 33 Page - STMicroelectronics

Part # VL53L7CX
Description  Time-of-Flight 8x8 multizone ranging sensor with 90 FoV
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L7CX Datasheet(HTML) 33 Page - STMicroelectronics

Back Button VL53L7CX Datasheet HTML 29Page - STMicroelectronics VL53L7CX Datasheet HTML 30Page - STMicroelectronics VL53L7CX Datasheet HTML 31Page - STMicroelectronics VL53L7CX Datasheet HTML 32Page - STMicroelectronics VL53L7CX Datasheet HTML 33Page - STMicroelectronics VL53L7CX Datasheet HTML 34Page - STMicroelectronics VL53L7CX Datasheet HTML 35Page - STMicroelectronics VL53L7CX Datasheet HTML 36Page - STMicroelectronics VL53L7CX Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 40 page
background image
8.6
Handling and storage precautions
8.6.1
Recommended solder pad dimensions
Figure 32. Recommended solder pattern
8.6.2
Shock precautions
Sensor modules house numerous internal components that are susceptible to shock damage. If a unit is subject
to excessive shock, is dropped on the floor, or a tray/reel of units is dropped on the floor, it must be rejected, even
if no apparent damage is visible.
8.6.3
Part handling
Handling must be done with non-marring ESD safe carbon, plastic, or teflon tweezers. Ranging modules are
susceptible to damage or contamination. The customer is advised to use a clean assembly process until a
protective cover glass is mounted.
8.6.4
Compression force
A maximum compressive load of 25 N should be applied on the module.
8.6.5
Moisture sensitivity level
Moisture sensitivity is level 3 (MSL) as described in IPC/JEDEC JSTD-020-C.
Note:
If devices are stored out of the packaging for more than 168 hours, the devices should be baked before use. The
optimum bake recommended is at + 90°C for a minimum of 6 hours.
8.7
Storage temperature conditions
Table 24. Recommended storage conditions
Parameter
Min.
Typ.
Max.
Unit
Temperature (storage)
-40
23
90
°C
VL53L7CX
Handling and storage precautions
DS13865 - Rev 3
page 33/40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com