Electronic Components Datasheet Search
  English  ▼

X  

VL53L7CX Datasheet(PDF) 10 Page - STMicroelectronics

Part # VL53L7CX
Description  Time-of-Flight 8x8 multizone ranging sensor with 90 FoV
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L7CX Datasheet(HTML) 10 Page - STMicroelectronics

Back Button VL53L7CX Datasheet HTML 6Page - STMicroelectronics VL53L7CX Datasheet HTML 7Page - STMicroelectronics VL53L7CX Datasheet HTML 8Page - STMicroelectronics VL53L7CX Datasheet HTML 9Page - STMicroelectronics VL53L7CX Datasheet HTML 10Page - STMicroelectronics VL53L7CX Datasheet HTML 11Page - STMicroelectronics VL53L7CX Datasheet HTML 12Page - STMicroelectronics VL53L7CX Datasheet HTML 13Page - STMicroelectronics VL53L7CX Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
2.3.1
Power up slew
To ensure proper operation of the module, the following minimum slew rates on the supplies must be met for
correct operation of the power on reset (POR) circuitry. The POR circuitry triggers at 0.9 V, but the supplies
should reach their operation levels in accordance with the slew rates listed in the table below.
Figure 9. Power up slew
Note:
The minimum reset time is the minimum time required for the device ROM to load and boot up after IOVDD
reaches the POR rising threshold. The supply must have reached the minimum operating level (1.6 V) within this
time.
Note:
The minimum slew rate on the IOVDD is the same regardless of 1.8 V or 2.8 V operation.
Note:
The AVDD rise time is determined by the internal analogue levels which must be stable for correct operation.
Table 6. Supply slew rate minimum limits
Supply status
AVDD slew
IOVDD slew
Start together
0.001 V/µs
0.012 V/µs
AVDD stable followed by IOVDD
—
0.012 V/µs
IOVDD stable followed by AVDD
0.001 V/µs
—
2.3.2
Power up and I2C access
For correct operation of the device, the I2C interface assumes the power level has reached 1.62 V.
VL53L7CX
Power up sequence
DS13865 - Rev 3
page 10/40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com