Electronic Components Datasheet Search
  English  ▼

X  

VL53L7CX Datasheet(PDF) 19 Page - STMicroelectronics

Part # VL53L7CX
Description  Time-of-Flight 8x8 multizone ranging sensor with 90 FoV
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L7CX Datasheet(HTML) 19 Page - STMicroelectronics

Back Button VL53L7CX Datasheet HTML 15Page - STMicroelectronics VL53L7CX Datasheet HTML 16Page - STMicroelectronics VL53L7CX Datasheet HTML 17Page - STMicroelectronics VL53L7CX Datasheet HTML 18Page - STMicroelectronics VL53L7CX Datasheet HTML 19Page - STMicroelectronics VL53L7CX Datasheet HTML 20Page - STMicroelectronics VL53L7CX Datasheet HTML 21Page - STMicroelectronics VL53L7CX Datasheet HTML 22Page - STMicroelectronics VL53L7CX Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
5.1.3
Effective zone orientation
The VL53L7CX module includes a lens over the RX aperture which flips (horizontally and vertically) the captured
image of the target. As a consequence, the zone identified as zone 0 in the bottom left of the SPAD array is
illuminated by a target located at the top right hand side of the scene.
Figure 19. Effective orientation
5.2
Continuous ranging mode
5.2.1
Measurement conditions
The following criteria and test conditions apply to all the characterisation results detailed in this section unless
specified otherwise:
•
The specified target fills 100% of the field of view of the device (in all zones).
•
Targets used are Munsell N4.75 (17%) and Munsell N9.5 (88%).
•
AVDD is 2.8 V, IOVDD is 1.8 V.
•
Nominal ambient temperature is 23°C.
•
Maximum range capability is based on a 90% detection rate (1).
•
Range accuracy figures are based on 2.7 sigma ie 99.3% of measurements are within the specified
accuracy.
•
Tests are performed in the dark and at 2 W/m2 target illumination (940 nm). A 2 W/m2 target irradiance at
940 nm is equivalent to 5 kLux daylight.
•
All tests are performed without cover glass with a crosstalk margin set to 0 kcps.
•
The sensor relies on default calibration data.
•
The device is controlled through the API using the default driver settings.
1. Detection rate is a statistical value indicating the worst case percentage of measurements that return a valid ranging. For
example, taking 1000 measurements with 90% detection rate gives 900 valid distances. The 100 other distances may be
outside the specification or flagged with an invalid target status.
VL53L7CX
Continuous ranging mode
DS13865 - Rev 3
page 19/40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com