Electronic Components Datasheet Search
  English  ▼

X  

VL53L7CX Datasheet(PDF) 20 Page - STMicroelectronics

Part # VL53L7CX
Description  Time-of-Flight 8x8 multizone ranging sensor with 90 FoV
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L7CX Datasheet(HTML) 20 Page - STMicroelectronics

Back Button VL53L7CX Datasheet HTML 16Page - STMicroelectronics VL53L7CX Datasheet HTML 17Page - STMicroelectronics VL53L7CX Datasheet HTML 18Page - STMicroelectronics VL53L7CX Datasheet HTML 19Page - STMicroelectronics VL53L7CX Datasheet HTML 20Page - STMicroelectronics VL53L7CX Datasheet HTML 21Page - STMicroelectronics VL53L7CX Datasheet HTML 22Page - STMicroelectronics VL53L7CX Datasheet HTML 23Page - STMicroelectronics VL53L7CX Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
5.2.2
Maximum ranging distance 4x4
The table below shows the maximum ranging capability of the VL53L7CX under different conditions. Refer to
Section 5.2.1 Measurement conditions for the general test conditions.
Table 17. Maximum ranging capabilities when ranging continuously at 30 Hz
Target reflectance level. Full
FoV (reflectance %)
Zone
Dark
Ambient light (5 klux)
White target (88%)
Inner
Typical 3500 mm
Minimum 3300 mm
Typical 650 mm
Minimum 500 mm
Corner
Typical 3500 mm
Minimum 3300 mm
Typical 600 mm
Minimum 600 mm
Lite grey target (54%)
Inner
Typical 2800 mm
Minimum 2600 mm
Typical 600 mm
Minimum 600 mm
Corner
Typical 2800 mm
Minimum 2600 mm
Typical 600 mm
Minimum 600 mm
Grey target (17%)
Inner
Typical 1400 mm
Minimum 1300 mm
Typical 550 mm
Minimum 500 mm
Corner
Typical 1400 mm
Minimum 1200 mm
Typical 500 mm
Minimum 450 mm
5.2.3
Maximum ranging distance 8x8
The table below shows the maximum ranging capability of the VL53L7CX under different conditions. Refer to
Section 5.2.1 Measurement conditions for the general test conditions.
Table 18. Max ranging capabilities when ranging continuously at 15 Hz
Target reflectance level. Full
FoV (reflectance %)
Zone
Dark (0 klux)
Ambient light (5 klux)
White target (88%)
Inner
Typical 2000 mm
Minimum 1700 mm
Typical 500 mm
Minimum 400 mm
Corner
Typical 1900 mm
Minimum 1100 mm
Typical 500 mm
Minimum 400 mm
Lite grey target (54%)
Inner
Typical 1600 mm
Minimum 1500 mm
Typical 400 mm
Minimum 400 mm
Corner
Typical 1600 mm
Minimum 1100 mm
Typical 400 mm
Minimum 400 mm
Grey target (17%)
Inner
Typical 800 mm
Minimum 700 mm
Typical 350 mm
Minimum 250 mm
Corner
Typical 750 mm
Minimum 450mm
Typical 250 mm
Minimum 200 mm
VL53L7CX
Continuous ranging mode
DS13865 - Rev 3
page 20/40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com