Electronic Components Datasheet Search
  English  ▼

X  

TPS610333 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS610333
Description  TPS61033 5.5-V 5.5-A 2.4-MHz Fully-Integrated Synchronous Boost Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS610333 Datasheet(HTML) 4 Page - Texas Instruments

  TPS610333 Datasheet HTML 1Page - Texas Instruments TPS610333 Datasheet HTML 2Page - Texas Instruments TPS610333 Datasheet HTML 3Page - Texas Instruments TPS610333 Datasheet HTML 4Page - Texas Instruments TPS610333 Datasheet HTML 5Page - Texas Instruments TPS610333 Datasheet HTML 6Page - Texas Instruments TPS610333 Datasheet HTML 7Page - Texas Instruments TPS610333 Datasheet HTML 8Page - Texas Instruments TPS610333 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
6 Pin Configuration and Functions
VIN
1
2
3
4
8
7
6
5
EN
MODE
PG
FB
GND
SW
VOUT
Figure 6-1. DRL Package 8-Pin SOT583 Top View
Table 6-1. Pin Functions
PIN
I/O
DESCRIPTION
NO.
NAME
1
VIN
I
IC power supply input
2
EN
I
Enable logic input. Logic high voltage enables the device. Logic low voltage disables the
device and turns it into shutdown mode.
3
MODE
I
Operation mode selection in the light load condition. When it is connected to logic high
voltage, the device works in forced PWM mode. When it is connected to logic low voltage,
the device works in auto PFM mode.
4
PG
O
Power good indicator and open drain output
5
FB
I
Voltage feedback of adjustable output voltage, when FB connect to VIN, output voltage is
fixed 5.0V
6
GND
PWR
Ground pin of the IC
7
SW
PWR
The switch pin of the converter. It is connected to the drain of the internal low-side power
MOSFET and the source of the internal high-side power MOSFET.
8
VOUT
PWR
Boost converter output
TPS61033
SLVSGI6 – OCTOBER 2022
www.ti.com
4
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TPS61033



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com