Electronic Components Datasheet Search
  English  ▼

X  

TPS610333 Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS610333
Description  TPS61033 5.5-V 5.5-A 2.4-MHz Fully-Integrated Synchronous Boost Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS610333 Datasheet(HTML) 5 Page - Texas Instruments

  TPS610333 Datasheet HTML 1Page - Texas Instruments TPS610333 Datasheet HTML 2Page - Texas Instruments TPS610333 Datasheet HTML 3Page - Texas Instruments TPS610333 Datasheet HTML 4Page - Texas Instruments TPS610333 Datasheet HTML 5Page - Texas Instruments TPS610333 Datasheet HTML 6Page - Texas Instruments TPS610333 Datasheet HTML 7Page - Texas Instruments TPS610333 Datasheet HTML 8Page - Texas Instruments TPS610333 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
Voltage range at terminals(2)
VIN, EN, FB, SW, VOUT
–0.3
7
V
SW spike at 10ns
–0.7
8
V
SW spike at 1ns
–0.7
9
V
Operating junction temperature, TJ
–40
150
°C
Storage temperature, Tstg
–65
150
°C
(1)
Operation outside the Absolute Maximum Ratings may cause permanent device damage. Absolute Maximum Ratings do not imply
functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions.
If used outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device may not be fully
functional, and this may affect device reliability, functionality, performance, and shorten the device lifetime.
(2)
All voltage values are with respect to network ground terminal.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±750
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process. Manufacturing with
less than 500-V HBM is possible with the necessary precautions. Pins listed as ±2000 V may actually have higher performance.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process. Manufacturing with
less than 250-V CDM is possible with the necessary precautions. Pins listed as ±500 V may actually have higher performance.
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VIN
Input voltage range
1.8
5.5
V
VOUT
Output voltage setting range
2.2
5.5
V
L
Effective inductance range
1
µH
CIN
Effective input capacitance range
1.0
4.7
µF
COUT
Effective output capacitance range
4
10
1000
µF
TJ
Operating junction temperature
–40
125
°C
7.4 Thermal Information
THERMAL METRIC(1)
TPS61033
TPS61033
UNIT
DRL (SOT583)- 8 PINS
DRL (SOT583)- 8 PINS
Standard
EVM(2)
RθJA
Junction-to-ambient thermal resistance
117.5
65.8
°C/W
RθJC
Junction-to-case thermal resistance
40.0
NA
°C/W
RθJB
Junction-to-board thermal resistance
23.0
NA
°C/W
ΨJT
Junction-to-top characterization parameter
2.8
1.0
°C/W
ΨJB
Junction-to-board characterization parameter
22.9
28.4
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
(2)
Measured on TPS61033EVM, 4-layer, 2oz copper NA PCB.
www.ti.com
TPS61033
SLVSGI6 – OCTOBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: TPS61033



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com