Electronic Components Datasheet Search
  English  ▼

X  

TPS610333 Datasheet(PDF) 16 Page - Texas Instruments

Part # TPS610333
Description  TPS61033 5.5-V 5.5-A 2.4-MHz Fully-Integrated Synchronous Boost Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS610333 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TPS610333 Datasheet HTML 12Page - Texas Instruments TPS610333 Datasheet HTML 13Page - Texas Instruments TPS610333 Datasheet HTML 14Page - Texas Instruments TPS610333 Datasheet HTML 15Page - Texas Instruments TPS610333 Datasheet HTML 16Page - Texas Instruments TPS610333 Datasheet HTML 17Page - Texas Instruments TPS610333 Datasheet HTML 18Page - Texas Instruments TPS610333 Datasheet HTML 19Page - Texas Instruments TPS610333 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
9 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
9.1 Application Information
The TPS61033 is a synchronous boost converter designed to operate from an input voltage supply range
between 1.8 V and 5.5 V with a 5.5-A (typical) valley switch current limit. The TPS61033 typically operates
at a quasi-constant 2.4-MHz frequency PWM at moderate-to-heavy load currents. At light load currents, the
TPS61033 converter operates in power-save mode with PFM to achieve high efficiency over the entire load
current range.
9.2 Typical Application
The TPS61033 provides a power supply solution for portable devices powered by batteries. With 5.5-A (typical)
switch current capability, the TPS61033 can output 5 V and 2 A from a single-cell Li-ion battery.
VIN
EN
SW
VOUT
FB
GND
L1
OFF
ON
C1
C2
1 µH
MODE
PFM
PWM
PG
FB connected to VIN
Fixed 5V Vout
VIN
Figure 9-1. Li-ion Battery to 5-V Boost Converter
9.2.1 Design Requirements
The design parameters are listed in Table 9-1.
Table 9-1. Design Parameters
PARAMETERS
VALUES
Input voltage
3.0 V to 4.35 V
Output voltage
5 V
Output current
2.0 A
9.2.2 Detailed Design Procedure
9.2.2.1 Setting the Output Voltage
The output voltage is set by an external resistor divider (R1, R2 in Figure 9-1). When the output voltage is
regulated, the typical voltage at the FB pin is VREF. Thus the resistor divider is determined by Equation 5.
TPS61033
SLVSGI6 – OCTOBER 2022
www.ti.com
16
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TPS61033



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com