Electronic Components Datasheet Search
  English  ▼

X  

TPS610333 Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS610333
Description  TPS61033 5.5-V 5.5-A 2.4-MHz Fully-Integrated Synchronous Boost Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS610333 Datasheet(HTML) 2 Page - Texas Instruments

  TPS610333 Datasheet HTML 1Page - Texas Instruments TPS610333 Datasheet HTML 2Page - Texas Instruments TPS610333 Datasheet HTML 3Page - Texas Instruments TPS610333 Datasheet HTML 4Page - Texas Instruments TPS610333 Datasheet HTML 5Page - Texas Instruments TPS610333 Datasheet HTML 6Page - Texas Instruments TPS610333 Datasheet HTML 7Page - Texas Instruments TPS610333 Datasheet HTML 8Page - Texas Instruments TPS610333 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
4 Device Comparison Table
Table 4-1. Device comparison table
PART NUMBER
Valley Switch Current Limit (typ)
Spread Spectrum
TPS61033
5.5 A
NO
TPS610331
1.65 A
NO
TPS610332
5.5 A
YES
TPS610333
1.65 A
YES
TPS61033
SLVSGI6 – OCTOBER 2022
www.ti.com
2
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TPS61033



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com