Electronic Components Datasheet Search
  English  ▼

X  

TPS610333 Datasheet(PDF) 20 Page - Texas Instruments

Part # TPS610333
Description  TPS61033 5.5-V 5.5-A 2.4-MHz Fully-Integrated Synchronous Boost Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS610333 Datasheet(HTML) 20 Page - Texas Instruments

Back Button TPS610333 Datasheet HTML 16Page - Texas Instruments TPS610333 Datasheet HTML 17Page - Texas Instruments TPS610333 Datasheet HTML 18Page - Texas Instruments TPS610333 Datasheet HTML 19Page - Texas Instruments TPS610333 Datasheet HTML 20Page - Texas Instruments TPS610333 Datasheet HTML 21Page - Texas Instruments TPS610333 Datasheet HTML 22Page - Texas Instruments TPS610333 Datasheet HTML 23Page - Texas Instruments TPS610333 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
Vout (5V o set)
100mV/div
Output Current
500mA/div
Time Scale: 500us/div
VIN = 3.3 V, VOUT = 5 V, IOUT = 50 mA to 2 A Sweep
Figure 9-8. Load Sweep
Vin
2V/div
Vout (5V o set)
100mV/div
Time Scale: 5ms/div
Inductor Current
2A/div
VIN = 1 V to 4.5 V Sweep, VOUT = 5 V, IOUT = 1 A
Figure 9-9. Line Sweep
Vout
2V/div
SW
2V/div
Time Scale: 2 s/div
Inductor Current
2A/div
VIN = 3.3 V, VOUT = 5 V, IOUT = 2 A
Figure 9-10. Output Short Protection (Entry)
Vout
2V/div
SW
2V/div
Time Scale: 100 s/div
Inductor Current
2A/div
VIN = 3.3 V, VOUT = 5 V, IOUT = 2 A
Figure 9-11. Output Short Protection (Recover)
9.3 Power Supply Recommendations
The device is designed to operate from an input voltage supply range between 1.8 V to 5.5 V. This input supply
must be well regulated. If the input supply is located more than a few inches from the converter, additional bulk
capacitance may be required in addition to the ceramic bypass capacitors. A typical choice is a tantalum or
aluminum electrolytic capacitor with a value of 100 µF. Output current of the input power supply must be rated
according to the supply voltage, output voltage, and output current of the TPS61033.
9.4 Layout
9.4.1 Layout Guidelines
As for all switching power supplies, especially those running at high switching frequency and high currents,
layout is an important design step. If the layout is not carefully done, the regulator could suffer from instability
and noise problems. To maximize efficiency, switch rise and fall time are very fast. To prevent radiation of high
frequency noise (for example, EMI), proper layout of the high-frequency switching path is essential. Minimize
the length and area of all traces connected to the SW pin, and always use a ground plane under the switching
regulator to minimize interplane coupling. The input capacitor needs not only to be close to the VIN pin, but also
to the GND pin in order to reduce input supply ripple.
The most critical current path for all boost converters is from the switching FET, through the rectifier FET, then
the output capacitors, and back to ground of the switching FET. This high current path contains nanosecond rise
and fall time and must be kept as short as possible. Therefore, the output capacitor not only must be close to the
VOUT pin, but also to the GND pin to reduce the overshoot at the SW pin and VOUT pin.
For better thermal performance, TI suggest to make copper polygon connected with each pin bigger.
TPS61033
SLVSGI6 – OCTOBER 2022
www.ti.com
20
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TPS61033



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com