Electronic Components Datasheet Search
  English  ▼

X  

TPS610333 Datasheet(PDF) 19 Page - Texas Instruments

Part # TPS610333
Description  TPS61033 5.5-V 5.5-A 2.4-MHz Fully-Integrated Synchronous Boost Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS610333 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TPS610333 Datasheet HTML 15Page - Texas Instruments TPS610333 Datasheet HTML 16Page - Texas Instruments TPS610333 Datasheet HTML 17Page - Texas Instruments TPS610333 Datasheet HTML 18Page - Texas Instruments TPS610333 Datasheet HTML 19Page - Texas Instruments TPS610333 Datasheet HTML 20Page - Texas Instruments TPS610333 Datasheet HTML 21Page - Texas Instruments TPS610333 Datasheet HTML 22Page - Texas Instruments TPS610333 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
9.2.3 Application Curves
Vout(5V o set)
40mV/div
SW
2V/div
Inductor Current
1A/div
Time Scale: 200ns/div
VIN = 3.3 V, VOUT = 5 V, IOUT = 2 A
Figure 9-2. Switching Waveform at Heavy Load
Vout(5V o set)
100mV/div
SW
2V/div
Inductor Current
500mA/div
Time Scale: 10μs/div
VIN = 3.3 V, VOUT = 5 V, IOUT = 100 mA
Figure 9-3. Switching Waveform at Light Load
Inductor Current
2A/div
Time Scale: 200 s/div
Vout
2.0V/div
EN
2.0V/div
VIN = 3.3 V, VOUT = 5 V, 2.5-Ω resistance load
Figure 9-4. Start-up Waveform
Inductor Current
2A/div
Time Scale: 5 s/div
Vout
2.0V/div
EN
2.0V/div
VIN = 3.3 V, VOUT = 5 V, 2.5-Ω resistance load
Figure 9-5. Shutdown Waveform
Vout (5V o set)
500mV/div
Output Current
500mA/div
Time Scale: 50μs/div
VIN = 3.3 V, VOUT = 5 V, IOUT = 1 A to 2 A with 20-μs slew rate
Figure 9-6. Load Transient
Vin
1V/div
Vout (5V o set)
500mV/div
Time Scale: 200μs/div
VIN = 2.7 V to 4.5 V with 20-μs slew rate, VOUT = 5 V, IOUT = 2
A
Figure 9-7. Line Transient
www.ti.com
TPS61033
SLVSGI6 – OCTOBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: TPS61033



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com