Electronic Components Datasheet Search
  English  ▼

X  

TPS610333 Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS610333
Description  TPS61033 5.5-V 5.5-A 2.4-MHz Fully-Integrated Synchronous Boost Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS610333 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS610333 Datasheet HTML 5Page - Texas Instruments TPS610333 Datasheet HTML 6Page - Texas Instruments TPS610333 Datasheet HTML 7Page - Texas Instruments TPS610333 Datasheet HTML 8Page - Texas Instruments TPS610333 Datasheet HTML 9Page - Texas Instruments TPS610333 Datasheet HTML 10Page - Texas Instruments TPS610333 Datasheet HTML 11Page - Texas Instruments TPS610333 Datasheet HTML 12Page - Texas Instruments TPS610333 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
Temperature (
C)
-40
-20
0
20
40
60
80
100
120
140
16.5
17
17.5
18
18.5
19
19.5
20
20.5
21
21.5
Vin=1.8V
Vin=3.3V
Vin=3.6V
VIN = 1.8 V, 3.3 V 3.6 V; VOUT = 5 V, TJ = –40°C to +125°C,
No switching
Figure 7-7. Quiescent Current into VIN vs
Temperature
Temperature (
C)
-40
-20
0
20
40
60
80
100
120
140
3
3.5
4
4.5
5
5.5
6
6.5
7
Vout=2.2V
Vout=3.3V
Vout=5V
VIN = 1.8 V; VOUT = 2.2 V, 3.3 V, 5 V, TJ = –40°C to +125°C,
No switching
Figure 7-8. Quiescent Current into VOUT vs
Temperature
Temperature (
C)
-40
-20
0
20
40
60
80
100
120
140
0
0.4
0.8
1.2
1.6
2
2.4
Vin=1.8V
Vin=3.3V
Vin=5V
VIN = VSW = 1.8 V, 3.3 V, 5 V; VOUT = 0 V; TJ = –40°C to
+125°C
Figure 7-9. Shutdown Current vs Temperature
Temperature (
C)
-40
-20
0
20
40
60
80
100
120
140
107.2
107.4
107.6
107.8
108
Vin=2.4V
Vin=3.3V
Vin=3.6V
VIN = 2.4 V, 3.3 V, 3.6 V; VOUT = 5 V; TJ = –40°C to +125°C
Figure 7-10. PGOOD upper threshold vs
Temperature
Temperature (
C)
-40
-20
0
20
40
60
80
100
120
140
92.4
92.7
93
93.3
93.6
VIN=2.4V
VIN=3.3V
VIN=3.6V
VIN = 2.4 V, 3.3 V, 3.6 V; VOUT = 5 V; TJ = –40°C to +125°C
Figure 7-11. PGOOD lower threshold vs Temperature
www.ti.com
TPS61033
SLVSGI6 – OCTOBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: TPS61033



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com