Electronic Components Datasheet Search
  English  ▼

X  

TPS610333 Datasheet(PDF) 14 Page - Texas Instruments

Part # TPS610333
Description  TPS61033 5.5-V 5.5-A 2.4-MHz Fully-Integrated Synchronous Boost Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS610333 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TPS610333 Datasheet HTML 10Page - Texas Instruments TPS610333 Datasheet HTML 11Page - Texas Instruments TPS610333 Datasheet HTML 12Page - Texas Instruments TPS610333 Datasheet HTML 13Page - Texas Instruments TPS610333 Datasheet HTML 14Page - Texas Instruments TPS610333 Datasheet HTML 15Page - Texas Instruments TPS610333 Datasheet HTML 16Page - Texas Instruments TPS610333 Datasheet HTML 17Page - Texas Instruments TPS610333 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
8.3.8 Spread Spectrum Frequency Modulation
The TPS61033 provides a spread spectrum feature which reduces the EMI of the power supply over a wide
frequency range. The device uses a triangle jitter to spread the switching frequency with ±6% of normal
frequency. The frequency of the triangle jitter is typically 10KHz.
8.3.9 Overvoltage Protection
The TPS61033 has an output overvoltage protection (OVP) to protect the device if the external feedback resistor
divider is wrongly populated. When the output voltage is above 5.75 V typically, the device stops switching. Once
the output voltage falls 0.1 V below the OVP threshold, the device resumes operating again.
8.3.10 Output Short-to-Ground Protection
The TPS61033 starts to limit the output current when the output voltage is below 1.8 V. The lower the output
voltage reaches, the smaller the output current is. When the VOUT pin is short to ground, and the output
voltage becomes less than 0.4 V, the output current is limited to approximately 330 mA. Once the short circuit is
released, the TPS61033 goes through the soft start-up again to the regulated output voltage.
8.3.11 Thermal Shutdown
The TPS61033 goes into thermal shutdown once the junction temperature exceeds 170°C. When the junction
temperature drops below the thermal shutdown recovery temperature, typically 155°C, the device starts
operating again.
8.4 Device Functional Modes
TPS61033 has two optional modes in light load by configuring the MODE pin: auto PFM mode and forced PWM
to balance the efficiency and noise immunity in light load.
8.4.1 PWM Mode
The TPS61033 uses a quasi-constant 2.4-MHz frequency pulse width modulation (PWM) at moderate to heavy
load current. Based on the input voltage to output voltage ratio, a circuit predicts the required on-time. At the
beginning of the switching cycle, the NMOS switching FET. The input voltage is applied across the inductor and
the inductor current ramps up. In this phase, the output capacitor is discharged by the load current. When the
on-time expires, the main switch NMOS FET is turned off, and the rectifier PMOS FET is turned on. The inductor
transfers its stored energy to replenish the output capacitor and supply the load. The inductor current declines
because the output voltage is higher than the input voltage. When the inductor current hits the valley current
threshold determined by the output of the error amplifier, the next switching cycle starts again.
The TPS61033 has a built-in compensation circuit that can accommodate a wide range of input voltage, output
voltage, inductor value, and output capacitor value for stable operation.
8.4.2 Power-Save Mode
The TPS61033 integrates a power-save mode with PFM to improve efficiency at light load. When the load
current decreases, the inductor valley current set by the output of the error amplifier no longer regulates the
output voltage. When the inductor valley current hits the low limit, the output voltage exceeds the setting voltage
as the load current decreases further. When the FB voltage hits the PFM reference voltage, the TPS61033 goes
into the power-save mode. In the power-save mode, when the FB voltage rises and hits the PFM reference
voltage, the device continues switching for several cycles because of the delay time of the internal comparator
— then it stops switching. The load is supplied by the output capacitor, and the output voltage declines. When
the FB voltage falls below the PFM reference voltage, after the delay time of the comparator, the device starts
switching again to ramp up the output voltage.
TPS61033
SLVSGI6 – OCTOBER 2022
www.ti.com
14
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TPS61033



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com