Electronic Components Datasheet Search
  English  ▼

X  

TPS610333 Datasheet(PDF) 22 Page - Texas Instruments

Part # TPS610333
Description  TPS61033 5.5-V 5.5-A 2.4-MHz Fully-Integrated Synchronous Boost Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS610333 Datasheet(HTML) 22 Page - Texas Instruments

Back Button TPS610333 Datasheet HTML 18Page - Texas Instruments TPS610333 Datasheet HTML 19Page - Texas Instruments TPS610333 Datasheet HTML 20Page - Texas Instruments TPS610333 Datasheet HTML 21Page - Texas Instruments TPS610333 Datasheet HTML 22Page - Texas Instruments TPS610333 Datasheet HTML 23Page - Texas Instruments TPS610333 Datasheet HTML 24Page - Texas Instruments TPS610333 Datasheet HTML 25Page - Texas Instruments TPS610333 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
9.4.3 Thermal Considerations
Restrict the maximum IC junction temperature to 125°C under normal operating conditions. Calculate the
maximum allowable dissipation, PD(max), and keep the actual power dissipation less than or equal to PD(max).
The maximum-power-dissipation limit is determined using Equation 11.
A
D max
JA
125
T
P
R
T
(11)
where
• TA is the maximum ambient temperature for the application
• RθJA is the junction-to-ambient thermal resistance given in Section 9.4.3
The TPS61033 comes in a SOT583 package. The real junction-to-ambient thermal resistance of the package
greatly depends on the PCB type, layout. Using larger and thicker PCB copper for the power pads (GND, SW,
and VOUT) to enhance the thermal performance. Using more vias connects the ground plate on the top layer
and bottom layer around the IC without solder mask also improves the thermal capability.
TPS61033
SLVSGI6 – OCTOBER 2022
www.ti.com
22
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TPS61033



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com