Electronic Components Datasheet Search
  English  ▼

X  

TPS610333 Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS610333
Description  TPS61033 5.5-V 5.5-A 2.4-MHz Fully-Integrated Synchronous Boost Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS610333 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS610333 Datasheet HTML 4Page - Texas Instruments TPS610333 Datasheet HTML 5Page - Texas Instruments TPS610333 Datasheet HTML 6Page - Texas Instruments TPS610333 Datasheet HTML 7Page - Texas Instruments TPS610333 Datasheet HTML 8Page - Texas Instruments TPS610333 Datasheet HTML 9Page - Texas Instruments TPS610333 Datasheet HTML 10Page - Texas Instruments TPS610333 Datasheet HTML 11Page - Texas Instruments TPS610333 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
7.6 Typical Characteristics
VIN = 3.6 V, VOUT = 5 V, TJ = 25°C, unless otherwise noted
Output Current (A)
0.0001
0.001
0.01
0.05
0.2 0.5 1
2 3 455
0
20
40
60
80
100
VIN=2.0V
VIN=3.3V
VIN=3.6V
VIN=4.2V
VIN = 2.0 V, 3.3 V, 3.6 V, 4.2 V; L = 1.0 μH, PWM Mode
Figure 7-1. Efficiency vs Output Current VOUT = 5 V
Output Current (A)
0.0001
0.001
0.01
0.05
0.2 0.5 1
2 3 455
70
75
80
85
90
95
100
VIN=2.0V
VIN=3.3V
VIN=3.6V
VIN=4.2V
VIN = 2.0 V, 3.3 V, 3.6 V, 4.2 V; L = 1.0 μH, Auto PFM Mode
Figure 7-2. Efficiency vs Output Current VOUT = 5 V
Output Current (A)
0.0001
0.001
0.01
0.05
0.2 0.5 1
2 3 45
5
4.95
5
5.05
5.1
5.15
VIN=2.0V
VIN=3.3V
VIN=3.6V
VIN=4.2V
VIN = 2.0 V, 3.3 V, 3.6 V, 4.2 V; VOUT = 5 V
Figure 7-3. Load Regulation in Auto PFM
Output Current (A)
0.0001
0.001
0.01
0.05
0.2 0.5 1
2 3 45
5
5.05
5.07
5.09
5.11
5.13
5.15
5.17
VIN=2.0V
VIN=3.3V
VIN=3.6V
VIN=4.2V
VIN = 2.0 V, 3.3 V, 3.6 V, 4.2 V; VOUT = 5 V
Figure 7-4. Load Regulation in Forced PWM
Output Voltage (V)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
250
500
750
1000
1250
1500
1750
2000
2250
2500
Tj=-40°C
Tj=25°C
Tj=125°C
VIN = 3.3 V; VOUT = 0 V to 4.5 V
Figure 7-5. Pre-charge Current vs Output Voltage
Temperature (
C)
-60
-30
0
30
60
90
120
150
594
596
598
600
602
604
VIN = 3.3 V; VOUT = 5 V, TJ = –40°C to +125°C
Figure 7-6. Reference Voltage vs Temperature
TPS61033
SLVSGI6 – OCTOBER 2022
www.ti.com
8
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TPS61033



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com