Electronic Components Datasheet Search
  English  ▼

X  

TPS610333 Datasheet(PDF) 13 Page - Texas Instruments

Part # TPS610333
Description  TPS61033 5.5-V 5.5-A 2.4-MHz Fully-Integrated Synchronous Boost Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS610333 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS610333 Datasheet HTML 9Page - Texas Instruments TPS610333 Datasheet HTML 10Page - Texas Instruments TPS610333 Datasheet HTML 11Page - Texas Instruments TPS610333 Datasheet HTML 12Page - Texas Instruments TPS610333 Datasheet HTML 13Page - Texas Instruments TPS610333 Datasheet HTML 14Page - Texas Instruments TPS610333 Datasheet HTML 15Page - Texas Instruments TPS610333 Datasheet HTML 16Page - Texas Instruments TPS610333 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
The peak-to-peak inductor ripple current is calculated by Equation 4.
IN
L P P
SW
V
D
I
L
f
u
'
u
(4)
where
• L is the inductance value of the inductor
• fSW is the switching frequency
• D is the duty cycle
• VIN is the input voltage of the boost converter
8.3.5 Pass-Through Operation
When the input voltage is higher than the setting output voltage, the output voltage is higher than the target
regulation voltage, the device works in pass-through mode. When the output voltage is 101% of the setting
target voltage, the TPS61033 stops switching and fully turns on the high-side PMOS FET. The output voltage
is the input voltage minus the voltage drop across the DCR of the inductor and the RDS(on) of the PMOS FET.
When the output voltage drops below the 97% of the setting target voltage as the input voltage declines or the
load current increases, the TPS61033 resumes switching again to regulate the output voltage.
8.3.6 Power Good Indicator
The TPS61033 integrates a power good indicator to simplify sequencing and supervision. The power-good
output consists of an open-drain NMOS, requiring an external pullup resistor connect to a suitable voltage
supply. The PG pin goes high with a typical 1.3 ms delay time after VOUT is between 93% (typical) and 107%
(typical) of the target output voltage. When the output voltage is out of the target output voltage window, the PG
pin immediately goes low with a 33 μs deglitch filter delay. This deglitch filter also prevents any false pulldown of
the PGOOD due to transients. When EN is pulled low, the PG pin is also forced low with a 33 μs deglitch filter
delay. If not used, the PG pin can be left floating or connected to GND.
8.3.7 Implement Output Discharge by PG function
The purpose of the output discharge function is to ensure a defined down-ramp of the output voltage and to
let the output voltage close to 0 V quickly when the device is being disabled. TPS61033 can implement output
discharge function by PG function that requires a RDummy resistor connected between PG pin and Vout pin. PG
is an open drain NMOS architecture with up to 50 mA current capability, the PG pin will become logic high when
the output voltage reaches the target value, so the dummy load resistor will not lead any power loss during
normal operation. When the EN pin gets low, the TPS61033 will be disabled and meanwhile the PG pin will get
low with a typical 33μs glitch time (tglitch). With PG pin keep low, the RDummy will working as a dummy load to
discharge output voltage. Changing RDummy can adjust the output discharge rate.
Output
Voltage
time
PG
time
tglitch
Output voltage
discharge from RDummy
EN
VIN
EN
SW
VOUT
FB
GND
L1
C1
C2
MODE
PG
R1
R2
RDummy
Figure 8-1. Implement Output Discharge by PG function
www.ti.com
TPS61033
SLVSGI6 – OCTOBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TPS61033



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com