Electronic Components Datasheet Search
  English  ▼

X  

TPS610333 Datasheet(PDF) 10 Page - Texas Instruments

Part # TPS610333
Description  TPS61033 5.5-V 5.5-A 2.4-MHz Fully-Integrated Synchronous Boost Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS610333 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS610333 Datasheet HTML 6Page - Texas Instruments TPS610333 Datasheet HTML 7Page - Texas Instruments TPS610333 Datasheet HTML 8Page - Texas Instruments TPS610333 Datasheet HTML 9Page - Texas Instruments TPS610333 Datasheet HTML 10Page - Texas Instruments TPS610333 Datasheet HTML 11Page - Texas Instruments TPS610333 Datasheet HTML 12Page - Texas Instruments TPS610333 Datasheet HTML 13Page - Texas Instruments TPS610333 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
8 Detailed Description
8.1 Overview
The TPS61033 is a fully-integrated synchronous boost converter and operates from an input voltage supply
range from 1.8 V to 5.5 V with 5.5-A (typical) valley switch current limit. The TPS61033 operates at 2.4-MHz
switching frequency. There are two optional modes at light load by configuring the MODE pin: auto PFM mode
and forced PWM to balance the efficiency and noise immunity in light load. The TPS61033 consumes an 20-μA
quiescent current from VIN at light load condition. During shutdown, the TPS61033 is completely disconnected
from the input power and only consumes a 0.1-μA current to achieve long battery life. During PWM operation,
the converter uses adaptive constant on-time valley current mode control scheme to achieve excellent line
regulation and load regulation and allows the use of a small inductor and ceramic capacitors. Internal loop
compensation simplifies the design process while minimizing the number of external components.
8.2 Functional Block Diagram
8
7
1
2
SW
EN
FB
VOUT
VIN
VREF
5
6
GND
VOUT
VOUT
VIN
3
MODE
4
PG
Valley Current
Sense
So Startup
PWM Control
Gate Driver
Undervoltage
Lockout
Logic
Thermal
Shutdown
Over Voltage
and Short
Circuit
Protec on
PGOOD
+
–
EA
TPS61033
SLVSGI6 – OCTOBER 2022
www.ti.com
10
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TPS61033



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com