Electronic Components Datasheet Search
  English  ▼

X  

TPS610333 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS610333
Description  TPS61033 5.5-V 5.5-A 2.4-MHz Fully-Integrated Synchronous Boost Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS610333 Datasheet(HTML) 1 Page - Texas Instruments

  TPS610333 Datasheet HTML 1Page - Texas Instruments TPS610333 Datasheet HTML 2Page - Texas Instruments TPS610333 Datasheet HTML 3Page - Texas Instruments TPS610333 Datasheet HTML 4Page - Texas Instruments TPS610333 Datasheet HTML 5Page - Texas Instruments TPS610333 Datasheet HTML 6Page - Texas Instruments TPS610333 Datasheet HTML 7Page - Texas Instruments TPS610333 Datasheet HTML 8Page - Texas Instruments TPS610333 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
TPS61033 5.5-V 5.5-A 2.4-MHz Fully-Integrated Synchronous Boost Converter
1 Features
• Input voltage range: 1.8V to 5.5 V
• Output voltage range: 2.2 V to 5.5 V
– When FB connect to VIN output voltage fixed
5.0 V
• Two valley switching current limit options
– TPS61033: 5.5-A typical
– TPS610331: 1.65-A typical
• High efficiency and power capability
– Two 25-mΩ (LS) / 46-mΩ (HS) MOSFETs
– Support up to 2.4 MHz with small L-C
– Up to 93.60% efficiency at VIN = 3.3 V, VOUT = 5
V, and IOUT = 1 A
– Up to 90.62% efficiency at VIN = 3.3 V, VOUT = 5
V, and IOUT = 2 A
• Extend the system operating time
– Typical 20-μA quiescent current into VIN pin
– Typical 4.7μA quiescent current into VOUT pin
– Typical 0.1-μA shutdown current
• ±1.5% Reference voltage accuracy over –40°C to
+125°C
• Power good output with window comparator
• Pin-selectable auto PFM or forced PWM mode at
light load
• Spread spectrum frequency modulation
• Pass-through mode when VIN > VOUT
• Safety and robust operation features
– True disconnection between input and output
during shutdown
– Output overvoltage and thermal shutdown
protections
– Output short-circuit protection
• 2.1-mm × 1.6-mm SOT583 8-Pin package
2 Applications
• Tablet(multimedia)
• Smart speaker
• Mobile POS
3 Description
The TPS61033 is a synchronous boost converter. The
device provides a power supply solution for portable
equipment and smart devices powered by various
batteries and other power supply. The TPS61033
has 5.5-A (typical) valley switch current limit and
TPS610331 has 1.65-A (typical) valley switch current
limit over full temperature range.
The TPS61033 uses adaptive constant on-time valley-
current-control topology to regulate the output voltage
and operates at 2.4-MHz switching frequency. There
are two optional modes at light load by configuring
the MODE pin: auto PFM mode and forced PWM
to balance the efficiency and noise immunity in light
load. The TPS61033 consumes a 20-µA quiescent
current from VIN at light load condition. During
shutdown, the TPS61033 is completely disconnected
from the input power and only consumes a 0.1-µA
current to achieve long battery life. The TPS61033
has 5.75-V output overvoltage protection, output short
circuit protection, and thermal shutdown protection.
The TPS61033 offers a very small solution size with
2.1-mm × 1.6-mm SOT583 package and minimum
amount of external components.
Device Information
PART NUMBER
PACKAGE
(1)
BODY SIZE (NOM)
TPS61033
SOT583 (8)
2.10 mm × 1.20 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
VIN
EN
SW
VOUT
FB
GND
L1
OFF
ON
C1
C2
1 µH
MODE
PFM
PWM
PG
R1
R2
Typical Application Circuit
TPS61033
SLVSGI6 – OCTOBER 2022
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. ADVANCE INFORMATION for preproduction products; subject to change
without notice.


Similar Part No. - TPS610333

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS610333 TI-TPS610333 Datasheet
1Mb / 28P
TPS61033 5.5-V 5.5-A 2.4-MHz Fully-Integrated Synchronous Boost Converter, with Output Discharge Function
REVISED MARCH 2023
TPS610333 TI-TPS610333 Datasheet
1Mb / 29P
TPS61033X 5.5-V 5.5-A 2.4-MHz Fully-Integrated Synchronous Boost Converter, with Output Discharge Function
REVISED SEPTEMBER 2023
TPS610333-Q1 TI1-TPS610333-Q1 Datasheet
1Mb / 30P
TPS61033-Q1 5.5-V 5.5-A 2.4-MHz Fully-Integrated Synchronous Boost Converter, with Output Discharge Function
NOVEMBER 2023
TPS610333DRLR TI-TPS610333DRLR Datasheet
1Mb / 29P
TPS61033X 5.5-V 5.5-A 2.4-MHz Fully-Integrated Synchronous Boost Converter, with Output Discharge Function
REVISED SEPTEMBER 2023
TPS610333QDRLRQ1 TI1-TPS610333QDRLRQ1 Datasheet
1Mb / 30P
TPS61033-Q1 5.5-V 5.5-A 2.4-MHz Fully-Integrated Synchronous Boost Converter, with Output Discharge Function
NOVEMBER 2023
More results

Similar Description - TPS610333

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61088 TI-TPS61088_15 Datasheet
1Mb / 30P
TPS61088 10-A Fully-Integrated Synchronous Boost Converter
TPS61088 TI1-TPS61088_16 Datasheet
1Mb / 32P
TPS61088 10-A Fully-Integrated Synchronous Boost Converter
logo
Monolithic Power System...
MP2131 MPS-MP2131 Datasheet
1Mb / 16P
High Efficiency, 4 A, 5.5 V, 1.2 MHz Synchronous Step-Down Converter
logo
Texas Instruments
TPS61088-Q1 TI1-TPS61088-Q1 Datasheet
1Mb / 35P
10-A Fully-Integrated Synchronous Boost Converter
TPS61088-Q1 TI1-TPS61088-Q1_18 Datasheet
1Mb / 32P
10-A Fully-Integrated Synchronous Boost Converter
TPS61288 TI-TPS61288 Datasheet
2Mb / 25P
TPS61288 18-V, 15-A, Fully Integrated Synchronous Boost Converter
TPS61288 TI-TPS61288_V01 Datasheet
2Mb / 30P
TPS61288 18-V, 15-A, Fully Integrated Synchronous Boost Converter
DECEMBER 2021
TPS61033 TI-TPS61033_V01 Datasheet
1Mb / 28P
TPS61033 5.5-V 5.5-A 2.4-MHz Fully-Integrated Synchronous Boost Converter, with Output Discharge Function
REVISED MARCH 2023
TPS61033 TI-TPS61033_V02 Datasheet
1Mb / 29P
TPS61033X 5.5-V 5.5-A 2.4-MHz Fully-Integrated Synchronous Boost Converter, with Output Discharge Function
REVISED SEPTEMBER 2023
TPS61033-Q1 TI1-TPS61033-Q1 Datasheet
1Mb / 30P
TPS61033-Q1 5.5-V 5.5-A 2.4-MHz Fully-Integrated Synchronous Boost Converter, with Output Discharge Function
NOVEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com