Electronic Components Datasheet Search
  English  ▼

X  

TPS610333 Datasheet(PDF) 11 Page - Texas Instruments

Part # TPS610333
Description  TPS61033 5.5-V 5.5-A 2.4-MHz Fully-Integrated Synchronous Boost Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS610333 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS610333 Datasheet HTML 7Page - Texas Instruments TPS610333 Datasheet HTML 8Page - Texas Instruments TPS610333 Datasheet HTML 9Page - Texas Instruments TPS610333 Datasheet HTML 10Page - Texas Instruments TPS610333 Datasheet HTML 11Page - Texas Instruments TPS610333 Datasheet HTML 12Page - Texas Instruments TPS610333 Datasheet HTML 13Page - Texas Instruments TPS610333 Datasheet HTML 14Page - Texas Instruments TPS610333 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
8.3 Feature Description
8.3.1 Undervoltage Lockout
The TPS61033 has a built-in undervoltage lockout (UVLO) circuit to ensure the device working properly. When
the input voltage is above the UVLO rising threshold of 1.7 V (typical), the TPS61033 can be enabled to
boost the output voltage. It disables the device when the falling voltage at the VIN pin trips the UVLO falling
threshold, which is 1.6 V (typical). A hysteresis of 100 mV (typical) is added so that the device cannot be
enabled again until the input voltage exceeds 1.7 V (typical). This function is implemented to prevent the device
from malfunctioning when the input voltage is between UVLO rising and falling threshold.
8.3.2 Enable and Soft Start
When the input voltage is above the UVLO rising threshold and the EN pin is pulled to a voltage above 1.2 V,
the TPS61033 is enabled and starts up. To minimize the inrush current during start up, the TPS61033 has a soft
start up function. At the beginning, the TPS61033 enters pre-charge phase and charges the output capacitors
with a current of about 330 mA when the output voltage is below 0.4 V. When the output voltage is charged
above 0.4 V, the output current is changed to having output current capability to drive the 2-Ω resistance load. To
minimize the inrush current further, the TPS610331 has a maximum pre-charge current of 900 mA(typical). After
the output voltage reaches the input voltage, the TPS61033 starts switching, and the reference voltage ramps up
a 0.8 mV/μs. When the voltage at the EN pin is below 0.4 V, the internal enable comparator turns the device into
shutdown mode. In the shutdown mode, the device is entirely turned off. The output is disconnected from input
power supply.
8.3.3 Setting the Output Voltage
There are two ways to set the output voltage of the TPS61033: adjustable or fixed. If the FB is connected to VIN,
the TPS61033 works as a fixed 5.0-V output voltage version, the TPS61033 will use the internal resistor divider.
The output voltage is also can be set by an external resistor divider (R1, R2 in Figure 9-1). When the output
voltage is regulated, the typical voltage at the FB pin is VREF. Thus the resistor divider is determined by Equation
5.
OUT
REF
V
R1
1
R2
V
§
·
u
¨
¸
©
¹
(1)
where
• VOUT is the regulated output voltage
• VREF is the internal reference voltage at the FB pin
8.3.4 Current Limit Operation
The TPS61033 uses a valley current limit sensing scheme. Current limit detection occurs during the off-time by
sensing of the voltage drop across the synchronous rectifier.
When the load current is increased such that the inductor current is above the current limit within the whole
switching cycle time, the off-time is increased to allow the inductor current to decrease to this threshold before
the next on-time begins (so called frequency foldback mechanism). When the current limit is reached, the output
voltage decreases during further load increase.
The maximum continuous output current (IOUT(LC)), before entering current limit (CL) operation, can be defined
by Equation 2.
OUT(CL)
LIM
L P P
1
I
1 D
I
I
2
§
·
u
'
¨
¸
©
¹
(2)
where
• D is the duty cycle
• ΔIL(P-P) is the inductor ripple current
www.ti.com
TPS61033
SLVSGI6 – OCTOBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: TPS61033



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com