Electronic Components Datasheet Search
  English  ▼

X  

TPS610333 Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS610333
Description  TPS61033 5.5-V 5.5-A 2.4-MHz Fully-Integrated Synchronous Boost Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS610333 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS610333 Datasheet HTML 2Page - Texas Instruments TPS610333 Datasheet HTML 3Page - Texas Instruments TPS610333 Datasheet HTML 4Page - Texas Instruments TPS610333 Datasheet HTML 5Page - Texas Instruments TPS610333 Datasheet HTML 6Page - Texas Instruments TPS610333 Datasheet HTML 7Page - Texas Instruments TPS610333 Datasheet HTML 8Page - Texas Instruments TPS610333 Datasheet HTML 9Page - Texas Instruments TPS610333 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
7.5 Electrical Characteristics
TJ = –40°C to 125°C, VIN = 3.6 V and VOUT = 5.0 V. Typical values are at TJ = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER SUPPLY
VIN
Input voltage range
1.8
5.5
V
VIN_UVLO
Under-voltage lockout threshold
VIN rising
1.7
1.79
V
VIN falling
1.6
V
VIN_HYS
VIN UVLO hysteresis
100
mV
IQ
Quiescent current into VIN pin
IC enabled, No load, No switching VIN =
1.8 V to 5.5 V, VFB = VREF + 0.1 V, TJ up
to 125°C
15
20
25
µA
Quiescent current into VOUT pin
IC enabled, No load, No switching VOUT =
2.2 V to 5.5 V, VFB = VREF + 0.1 V, TJ up
to 125°C
4.7
8
µA
ISD
Shutdown current into VIN and SW pin
IC disabled, VIN = VSW = 3.6 V, TJ = 25°C
0.1
0.2
µA
OUTPUT
VOUT
Output voltage setting range
2.2
5.5
V
VREF
Reference voltage at the FB pin
PWM mode
591
600
609
mV
VREF
Reference voltage at the FB pin
PFM mode
606
mV
VOVP
Output over-voltage protection threshold
VOUT rising
5.55
5.75
6.0
V
VOVP_HYS
Over-voltage protection hysteresis
0.13
V
IFB_LKG
Leakage current at FB pin
TJ = 25°C
4
25
nA
IFB_LKG
Leakage current at FB pin
TJ = 125°C
5
30
nA
IVOUT_LKG
Leakage current into VOUT pin
IC disabled, VIN = 0 V, VSW = 0 V, VOUT =
5.5 V, TJ = 25°C
0.2
0.5
µA
tss
Soft startup time
Internal SS ramp time
0.86
ms
POWER SWITCH
RDS(on)
High-side MOSFET on resistance
VOUT = 5.0 V
46
mΩ
RDS(on)
Low-side MOSFET on resistance
VOUT = 5.0 V
25
mΩ
fSW
Switching frequency
VIN = 3.6 V, VOUT = 5.0 V, PWM mode
2.0
2.4
2.8
MHz
tON_min
Minimum on time
20
48
65
ns
tOFF_min
Minimum off time
40
60
ns
ILIM_SW
Valley current limit
VIN = 3.6 V, VOUT = 5.0 V TPS61033
5.0
5.5
6.0
A
ILIM_SW
Valley current limit
VIN = 3.6 V, VOUT = 5.0 V TPS610331
1.45
1.65
1.85
A
IREVERSE
Reverse current limit (MODE=1)
VIN = 3.6 V, VOUT = 5.0 V; MODE = 1
-1.3
A
ILIM_CHG
Pre-charge current
VIN = 1.8 - 5.5 V, VOUT < 0.4 V
330
mA
ILIM_CHG_max
Maximum pre-charge current
VIN = 2.4 V, VOUT > 0.4 V ; TPS610331
900
1100
mA
LOGIC INTERFACE
VEN_H
EN logic high threshold
VIN > 1.8 V or VOUT > 2.2 V
1.2
V
VEN_L
EN logic low threshold
VIN > 1.8 V or VOUT > 2.2 V
0.35
0.42
0.45
V
VMODE_H
MODE Logic high threshold
VIN > 1.8 V or VOUT > 2.2 V
1.2
V
VMODE_L
MODE Logic Low threshold
VIN > 1.8 V or VOUT > 2.2 V
0.35
0.42
0.45
V
RDOWN
EN pins internal pull-down resistor
10
MΩ
RDOWN
MODE pins internal pull-down resistor
1
MΩ
POWER GOOD
PGDOV
PGOOD upper threshold
% of VOUT setting
105
107
110
%
PGDUV
PGOOD lower threshold
% of VOUT setting
91
93
95
%
tPGDFLT(rise)
Delay time to PGOOD high signal
1.3
ms
tPGDFLT(fall)
Glitch filter time of PGOOD
33
µs
SPREAD SPECTRUM
FDITHER
VIN = 3.3 V, VOUT = 5.0 V
±6%
Fsw
FPATTERN
10
KHz
PROTECTION
TPS61033
SLVSGI6 – OCTOBER 2022
www.ti.com
6
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TPS61033



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com