Electronic Components Datasheet Search
  English  ▼

X  

TPS610333 Datasheet(PDF) 18 Page - Texas Instruments

Part # TPS610333
Description  TPS61033 5.5-V 5.5-A 2.4-MHz Fully-Integrated Synchronous Boost Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS610333 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TPS610333 Datasheet HTML 14Page - Texas Instruments TPS610333 Datasheet HTML 15Page - Texas Instruments TPS610333 Datasheet HTML 16Page - Texas Instruments TPS610333 Datasheet HTML 17Page - Texas Instruments TPS610333 Datasheet HTML 18Page - Texas Instruments TPS610333 Datasheet HTML 19Page - Texas Instruments TPS610333 Datasheet HTML 20Page - Texas Instruments TPS610333 Datasheet HTML 21Page - Texas Instruments TPS610333 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
saturation current of the inductor must be higher than the calculated peak inductor current. Table 9-2 lists the
recommended inductors for the TPS61033.
Table 9-2. Recommended Inductors for the TPS61033
PART NUMBER
(1)
L (µH)
DCR MAX
(mΩ)
SATURATION CURRENT
(A)
SIZE (LxWxH)
VENDOR
XGL4020-471MEC
0.47
5.1
6.1
4 x 4 x 2.1
Coilcraft
XGL4020-102MEC
1
9.0
3.8
4 x 4 x 2.1
Coilcraft
(1)
See Third-party Products disclaimer
9.2.2.3 Output Capacitor Selection
The output capacitor is mainly selected to meet the requirements for output ripple and loop stability. The ripple
voltage is related to capacitor capacitance and its equivalent series resistance (ESR). Assuming a ceramic
capacitor with zero ESR, the minimum capacitance needed for a given ripple voltage can be calculated by
Equation 9.
OUT
MAX
OUT
SW
RIPPLE
I
D
C
f
V
u
u
(9)
where
• DMAX is the maximum switching duty cycle
• VRIPPLE is the peak-to-peak output ripple voltage
• IOUT is the maximum output current
• fSW is the switching frequency
The ESR impact on the output ripple must be considered if tantalum or aluminum electrolytic capacitors are
used. The output peak-to-peak ripple voltage caused by the ESR of the output capacitors can be calculated by
Equation 10.
RIPPLE(ESR)
L(P)
ESR
V
I
R
u
(10)
Take care when evaluating the derating of a ceramic capacitor under dc bias voltage, aging, and ac signal. For
example, the dc bias voltage can significantly reduce capacitance. A ceramic capacitor can lose more than 50%
of its capacitance at its rated voltage. Therefore, always leave margin on the voltage rating to ensure adequate
capacitance at the required output voltage. Increasing the output capacitor makes the output ripple voltage
smaller in PWM mode.
TI recommends using the X5R or X7R ceramic output capacitor in the range of 4-μF to 1000-μF effective
capacitance. The output capacitor affects the small signal control loop stability of the boost regulator. If the
output capacitor is below the range, the boost regulator can potentially become unstable. Increasing the output
capacitor makes the output ripple voltage smaller in PWM mode.
9.2.2.4 Input Capacitor Selection
Multilayer X5R or X7R ceramic capacitors are excellent choices for the input decoupling of the step-up converter
as they have extremely low ESR and are available in small footprints. Input capacitors must be located as close
as possible to the device. While a 10-μF input capacitor is sufficient for most applications, larger values may
be used to reduce input current ripple without limitations. Take care when using only ceramic input capacitors.
When a ceramic capacitor is used at the input and the power is being supplied through long wires, a load step
at the output can induce ringing at the VIN pin. This ringing can couple to the output and be mistaken as loop
instability or could even damage the part. In this circumstance, place additional bulk capacitance (tantalum or
aluminum electrolytic capacitor) between ceramic input capacitor and the power source to reduce ringing that
can occur between the inductance of the power source leads and ceramic input capacitor.
TPS61033
SLVSGI6 – OCTOBER 2022
www.ti.com
18
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TPS61033



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com