Electronic Components Datasheet Search
  English  ▼

X  

AM625 Datasheet(PDF) 137 Page - Texas Instruments

Click here to check the latest version.
Part # AM625
Description  AM62x Sitara™ Processors
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM625 Datasheet(HTML) 137 Page - Texas Instruments

Back Button AM625 Datasheet HTML 133Page - Texas Instruments AM625 Datasheet HTML 134Page - Texas Instruments AM625 Datasheet HTML 135Page - Texas Instruments AM625 Datasheet HTML 136Page - Texas Instruments AM625 Datasheet HTML 137Page - Texas Instruments AM625 Datasheet HTML 138Page - Texas Instruments AM625 Datasheet HTML 139Page - Texas Instruments AM625 Datasheet HTML 140Page - Texas Instruments AM625 Datasheet HTML 141Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 255 page
background image
Table 7-42. DSS Switching Characteristics
see Figure 7-36
NO.
PARAMETER
MIN
MAX
UNIT
D1
tc(pclk)
Cycle time, VOUT(x)_PCLK(2)
6.06
ns
D2
tw(pclkL)
Pulse duration, VOUT(x)_PCLK(2) low
0.475P(1)
ns
D3
tw(pclkH)
Pulse duration, VOUT(x)_PCLK(2) high
0.475P(1)
ns
D4
td(pclkV-dataV)
Delay time, VOUT(x)_PCLK(2) transition to VOUT(x)_DATA[23:0](2)
transition
-0.68
1.78
ns
D5
td(pclkV-ctrlL)
Delay time, VOUT(x)_PCLK(2) transition to control signals
VOUT(x)_VSYNC(2), VOUT(x)_HSYNC(2), VOUT(x)_DE(2) falling
edge
-0.68
1.78
ns
(1)
P = VOUT(x)_PCLK cycle time in ns
(2)
x in VOUT(x) = 0
VOUT(x)_PCLK
VOUT(x)_VSYNC
VOUT(x)_HSYNC
VOUT(x)_DATA[23:0]
VOUT(x)_DE
data_1 data_2
data_n
D1
D2
D3
D5
D5
D4
D5
DPI_TIMING_01
VOUT
_PCLK
(x)
Falling-edge Clock Reference
Rising-edge Clock Reference
A.
The assertion of data can be programmed to occur on the falling or rising edge of the pixel clock. Refer to Display Subsystem (DSS)
section in Peripherals chapter in the device TRM.
B.
The polarity and pulse width of VOUT(x)_HSYNC and VOUT(x)_VSYNC are programmable, refer to Display Subsystem (DSS) section
in Peripherals chapter in the device TRM.
C.
The VOUT(x)_PCLK frequency is configurable, refer to Display Subsystem section in Peripherals chapter in the device TRM.
Figure 7-36. DSS Switching Characteristics
For more information, see Display Subsystem (DSS) and Peripherals section in Peripherals chapter of the
device TRM.
www.ti.com
AM625, AM623
SPRSP58A – JUNE 2022 – REVISED NOVEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
137
Product Folder Links: AM625 AM623



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com