Electronic Components Datasheet Search
  English  ▼

X  

ISO7041F Datasheet(PDF) 4 Page - Texas Instruments

Part # ISO7041F
Description  AFEx8101 16-Bit and 14-Bit, Low-Power DACs With Voltage Reference and Diagnostic ADC for 4-mA to 20-mA Loop-Powered Applications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7041F Datasheet(HTML) 4 Page - Texas Instruments

  ISO7041F Datasheet HTML 1Page - Texas Instruments ISO7041F Datasheet HTML 2Page - Texas Instruments ISO7041F Datasheet HTML 3Page - Texas Instruments ISO7041F Datasheet HTML 4Page - Texas Instruments ISO7041F Datasheet HTML 5Page - Texas Instruments ISO7041F Datasheet HTML 6Page - Texas Instruments ISO7041F Datasheet HTML 7Page - Texas Instruments ISO7041F Datasheet HTML 8Page - Texas Instruments ISO7041F Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 88 page
background image
Table 5-1. Pin Functions (continued)
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
SCLK
7
DI
SPI serial clock. Data can be transferred at rates up to 12.5 MHz. SCLK is a Schmitt-trigger logic input.
Connect to GND or logic low if not used. Do not leave any digital input pins floating.
SCLR
4
DI
DAC clear input pin in SPI mode. A logic high on this pin forces the DAC output into a CLEAR state.
Connect to GND in UBM. Do not leave any digital input pins floating.
SDI
8
DI
SPI data input. Data are clocked into the 24
‑bit input shift register on the falling edge of the serial clock
input. SDI is a Schmitt-Trigger logic input. Do not leave any digital input pins floating.
SDO
9
DO
SPI data output. Data are output on the rising edge of SCLK when CS is logic low. Interrupt request (IRQ)
pin in the UART break mode (UBM). The output is in a Hi-Z state at power up and must be enabled in the
CONFIG register.
UARTIN
1
DI
UART data input. Connect to IOVDD or logic high if not used. Do not leave any digital input pins floating.
UARTOUT
2
DO
UART data output. This pin can be configured to function as the IRQ pin in SPI only mode.
VDD
13
P/AO
Power supply. When 2.7 V to 5.5 V is provided on PVDD pin, the internal LDO drives VDD internally.
Connect a 1
‑μF to 10‑μF capacitor to this pin. When 1.71 V to 1.89 V is provided on the PVDD pin, an
external power supply must be provided on this pin.
VOUT
18
AO
DAC output voltage.
VREFIO
19
AI/AO
When the internal VREF is enabled by REF_EN pin, this pin outputs the internal VREF voltage. In this
case, a load capacitance of 70-nF to 130-nF is required for stability. When disabled, this pin is the
external 1.25
‑V reference input.
(1)
AI = analog input, AO = analog output, DI = digital input, DO = digital output, P = power.
AFE78101, AFE88101
SLASF21 – DECEMBER 2022
www.ti.com
4
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AFE78101 AFE88101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com