Electronic Components Datasheet Search
  English  ▼

X  

ISO7041F Datasheet(PDF) 41 Page - Texas Instruments

Part # ISO7041F
Description  AFEx8101 16-Bit and 14-Bit, Low-Power DACs With Voltage Reference and Diagnostic ADC for 4-mA to 20-mA Loop-Powered Applications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7041F Datasheet(HTML) 41 Page - Texas Instruments

Back Button ISO7041F Datasheet HTML 37Page - Texas Instruments ISO7041F Datasheet HTML 38Page - Texas Instruments ISO7041F Datasheet HTML 39Page - Texas Instruments ISO7041F Datasheet HTML 40Page - Texas Instruments ISO7041F Datasheet HTML 41Page - Texas Instruments ISO7041F Datasheet HTML 42Page - Texas Instruments ISO7041F Datasheet HTML 43Page - Texas Instruments ISO7041F Datasheet HTML 44Page - Texas Instruments ISO7041F Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 88 page
background image
7.3.4 IRQ
The devices include an interrupt request (IRQ) to communicate the occurrence of a variety of events to the host
controller. The IRQ block initiates interrupts that are reported internally in a status register, externally on the IRQ
pin if the function is enabled, or on the ALARM pin if the condition is from the ALARM_STATUS register. Figure
7-15 shows the IRQ block diagram.
GEN_STATUS
Register 21h
ALARM_STATUS
Register 20h
GEN_STATUS_MASK
Register 1Eh
ALARM_STATUS_MASK
Register 1Dh
Interrupt
Generation
Maskable
Status Bits
D
CLK
Q
Internal Oscillator
1
0
D
CLK
Q
CONFIG.IRQ_POL
Register 02h
CONFIG.IRQ_LVL
Register 02h
XOR
IRQ Pulse
Generation
(813-ns Wide)
IRQ
Figure 7-15. IRQ Block Diagram
There are two registers that can generate interrupts: GEN_STATUS and ALARM_STATUS. Each of these
registers has a corresponding STATUS_MASK register. The mask register controls which of the events trigger
an interrupt. Writing a 1 in the mask register masks, or disables, the event from triggering an interrupt. Writing
a 0 in the mask register allows the event to trigger an IRQ. All bits are masked by default. Some status bits are
sticky. Reading the corresponding register clears a sticky bit, unless the condition still exists.
The IRQ is configured through CONFIG.IRQ_LVL to be edge- or level-sensitive. Set this bit to logic 1 to enable
level-sensitive functionality (default). In edge-sensitive mode, the IRQ signal is a synchronous pulse, one internal
clock period wide (813 ns). In level-sensitive mode, the IRQ is set and remains set as long as the condition
exists. After the IRQ condition is removed, the condition is cleared by reading the corresponding status register.
Trying to clear the bit while the condition still exists does not allow the bit to be cleared if the bit is sticky.
CONFIG.IRQ_POL determines the active level of the IRQ. A logic 1 configures IRQ to be active high.
When using edge-sensitive IRQ signals, there is a clock cycle delay for synchronization and edge detection.
With a 307.2-kHz clock, this delay is up to 3.26 μs. For level-sensitive mode, the delay is approximately 10 ns to
20 ns.
Most status bits have two versions within the design. The first version is an edge event that is created when the
status is asserted. This signal is used to generate edge-sensitive IRQs. This edge detection prevents multiple
status events from blocking one another. The second version is the sticky version of the status bit. This signal is
set upon assertion of the status bit and cleared when the corresponding status register is read, as long as the
status condition does not still persist. Signals GEN_IRQ and ALARM_IRQ are driven by the logical OR of the of
the status bits within the corresponding register.
If a status bit is unmasked and the sticky version of that bit has been asserted, and the IRQ is level-sensitive,
then an interrupt is triggered as soon as the bit is unmasked. If the IRQ is edge-sensitive then a status event
must occur after the bit has been unmasked to assert an interrupt.
www.ti.com
AFE78101, AFE88101
SLASF21 – DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
41
Product Folder Links: AFE78101 AFE88101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com