Electronic Components Datasheet Search
  English  ▼

X  

ISO7041F Datasheet(PDF) 46 Page - Texas Instruments

Part # ISO7041F
Description  AFEx8101 16-Bit and 14-Bit, Low-Power DACs With Voltage Reference and Diagnostic ADC for 4-mA to 20-mA Loop-Powered Applications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7041F Datasheet(HTML) 46 Page - Texas Instruments

Back Button ISO7041F Datasheet HTML 42Page - Texas Instruments ISO7041F Datasheet HTML 43Page - Texas Instruments ISO7041F Datasheet HTML 44Page - Texas Instruments ISO7041F Datasheet HTML 45Page - Texas Instruments ISO7041F Datasheet HTML 46Page - Texas Instruments ISO7041F Datasheet HTML 47Page - Texas Instruments ISO7041F Datasheet HTML 48Page - Texas Instruments ISO7041F Datasheet HTML 49Page - Texas Instruments ISO7041F Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 88 page
background image
CONFIG.IRQ_PIN_EN = 1 is set, then the SDO pin functions as the IRQ output. If CONFIG.CLR_PIN_EN =
1 is set, then the SDI pin controls the clear pin function.
IOVDD
UART
(UBM)
Control Logic
SDI
SDO
SCLK
UARTOUT
UARTIN
Tx
Rx
System
Controller
AFE
Minimum
Functionality
RESET
CS
SCLR
GND
IOVDD
UART
(UBM)
Control Logic
SDI
SDO
SCLK
UARTOUT
UARTIN
Tx
Interrupt
Clear
Reset
Rx
System
Controller
AFE
Maximum
Functionality
RESET
CS
SCLR
GND
IOVDD
CLK_OUT
CLK_OUT
Monitor
Figure 7-18. UBM (UART Interface) Connections
7.5.2 Serial Peripheral Interface (SPI)
The AFEx8101 are controlled over a versatile four-wire serial interface (SDIN, SDO, SCLK, and CS). The
interface operates at clock rates of up to 12.5 MHz and is compatible with SPI, QSPI, Microwire, and digital
signal processing (DSP) standards. The SPI communication command consists of a read or write address, a
data word, and an optional CRC byte.
The SPI can access all register addresses except for the UBM register. Read-only and read-write capability is
defined by register (see Table 7-10). The SPI supports both SPI Mode 1 (CPOL = 0, CPHA = 1) and SPI Mode 2
(CPOL = 1, CPHA = 0). The default SCLK value is low for SPI Mode 1 and high for SPI Mode 2. See Section 6.7
for timing diagrams in each mode. The serial clock, SCLK, can be continuous or gated.
7.5.2.1 SPI Frame Definition
Subject to the timing requirements listed in the Timing Requirements, the first SCLK falling edge immediately
following the falling edge of CS captures the first frame bit. Subject to the same requirements, the last SCLK
falling edge before the rising edge of CS captures the last bit of the frame. Figure 7-19 shows that the SPI
shift register frame is 32-bits wide, and consists of an R/W bit, followed by a 7-bit address, and a 16-bit data
word. The 8-bit CRC is optional (enabled by default) and is disabled by setting CONFIG.CRC_EN = 0 (see also
Section 7.5.2.3). Figure 7-20 shows that when the CRC is disabled, the frame is 24-bits wide.
SDO
SDI
Don’t Care
Valid Data
Hi-Z
Output Frame (n-1)
Status
Details
CRC_ERR
Next Frame (n+1), Command or NOP
CS
1'b0
1'b0
RESET
1'b0
GEN_IRQ
ALARM_IRQ
Address (7b)
Data Word (16b)
CRC (8b)
R/W (1b)
R/W (1b)
Status (7b)
Data Word (16b) CRC (8b)
Output Frame (n)
Input Frame (n)
SCLK
31
30~24
23~8
7~0
Figure 7-19. SPI Frame Details (Default, CRC Enabled)
AFE78101, AFE88101
SLASF21 – DECEMBER 2022
www.ti.com
46
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AFE78101 AFE88101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com