Electronic Components Datasheet Search
  English  ▼

X  

ISO7041F Datasheet(PDF) 52 Page - Texas Instruments

Part # ISO7041F
Description  AFEx8101 16-Bit and 14-Bit, Low-Power DACs With Voltage Reference and Diagnostic ADC for 4-mA to 20-mA Loop-Powered Applications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7041F Datasheet(HTML) 52 Page - Texas Instruments

Back Button ISO7041F Datasheet HTML 48Page - Texas Instruments ISO7041F Datasheet HTML 49Page - Texas Instruments ISO7041F Datasheet HTML 50Page - Texas Instruments ISO7041F Datasheet HTML 51Page - Texas Instruments ISO7041F Datasheet HTML 52Page - Texas Instruments ISO7041F Datasheet HTML 53Page - Texas Instruments ISO7041F Datasheet HTML 54Page - Texas Instruments ISO7041F Datasheet HTML 55Page - Texas Instruments ISO7041F Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 88 page
background image
7.6 Register Maps
Table 7-10 lists the memory-mapped registers for the AFEx8101 registers. Consider all register offset addresses not listed in Table 7-10 as reserved
locations; do not modify these register contents.
Table 7-10. Register Map
ADDR
(HEX)
REGISTER
BIT DESCRIPTION
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
00h
NOP
NOP [15:0]
01h
DAC_DATA
DATA [15:0]
02h
CONFIG
RESERVED
CRC_ERR_CNT [1:0]
CLKO_DIV
CLKO_EN
RESERVED
UBM_
IRQ_EN
IRQ_
PIN_EN
CLR_
PIN_EN
UART_DIS
RESERVED
CRC_EN
IRQ_POL
IRQ_LVL
DSDO
FSDO
03h
DAC_CFG
RESERVED
PD
SR_CLK [2:0]
SR_STEP [2:0]
SR_EN
SR_MODE
RESERVED
CLR
CLR_
RANGE
RANGE
04h
DAC_GAIN
GAIN [15:0]
05h
DAC_OFFSET
OFFSET [15:0]
06h
DAC_CLR_
CODE
CODE [15:0]
07h
RESET
RESERVED
SW_RST [7:0]
08h
ADC_CFG
BUF_PD
HYST [6:0]
FLT_CNT [2:0]
AIN_
RANGE
EOC_
PER_CH
CONV_RATE [1:0]
DIRECT_
MODE
09h
ADC_INDEX_
CFG
RESERVED
STOP [3:0]
START [3:0]
0Ah
TRIGGER
RESERVED
SHADOW
LOAD
ADC
0Bh
SPECIAL_
CFG (1)
RESERVED
OTP_
LOAD_
SW_RST
ALMV_
POL
AIN1_ENB
10h
ALARM_ACT
SD_FLT [1:0]
TEMP_FLT [1:0]
AIN1_FLT [1:0]
AIN0_FLT [1:0]
CRC_WDT_FLT [1:0]
VREF_FLT [1:0]
THERM_ERR_FLT [1:0]
THERM_WARN_FLT [1:0]
11h
WDT
RESERVED
WDT_UP [2:0]
WDT_LO [1:0]
WDT_EN
12h
AIN0_
THRESHOLD
Hi [7:0]
Lo [7:0]
13h
AIN1_
THRESHOLD
Hi [7:0]
Lo [7:0]
14h
TEMP_
THRESHOLD
Hi [7:0]
Lo [7:0]
16h
UBM (2)
RESERVED
REG_
MODE
1Dh
ALARM_
STATUS_MASK
RESERVED
SD_FLT
OSC_FAIL
RESERVED
OTP_
CRC_ERR
CRC_FLT
WD_FLT
VREF_FLT
ADC_
AIN1_FLT
ADC_
AIN0_FLT
ADC_
TEMP_
FLT
THERM_
ERR_FLT
THERM_
WARN_
FLT
1Eh
GEN_
STATUS_MASK
RESERVED
SR_
BUSYn
ADC_
EOC
RESERVED
BREAK_
FRAME_
ERR
BREAK_
PARITY_
ERR
UART_
FRAME_
ERR
UART_
PARITY_
ERR
20h
ALARM_
STATUS
GEN_
IRQ
RESERVED
SD_FLT
OSC_FAIL
CRC_CNT [1:0]
OTP_
LOADEDn
OTP_
CRC_ERR
CRC_FLT
WD_FLT
VREF_FLT
ADC_
AIN1_FLT
ADC_
AIN0_FLT
ADC_
TEMP_
FLT
THERM_
ERR_FLT
THERM_
WARN_
FLT
21h
GEN_
STATUS
ALARM_
IRQ
RESERVED
OTP_
BUSY
RESERVED
RESET
SR_
BUSYn
ADC_
EOC
ADC_
BUSY
PVDD_HI
BREAK_
FRAME_
ERR
BREAK_
PARITY_
ERR
UART
_FRAME
_ERR
UART_
PARITY_
ERR
AFE78101, AFE88101
SLASF21 – DECEMBER 2022
www.ti.com
52
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AFE78101 AFE88101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com