Electronic Components Datasheet Search
  English  ▼

X  

ISO7041F Datasheet(PDF) 18 Page - Texas Instruments

Part # ISO7041F
Description  AFEx8101 16-Bit and 14-Bit, Low-Power DACs With Voltage Reference and Diagnostic ADC for 4-mA to 20-mA Loop-Powered Applications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7041F Datasheet(HTML) 18 Page - Texas Instruments

Back Button ISO7041F Datasheet HTML 14Page - Texas Instruments ISO7041F Datasheet HTML 15Page - Texas Instruments ISO7041F Datasheet HTML 16Page - Texas Instruments ISO7041F Datasheet HTML 17Page - Texas Instruments ISO7041F Datasheet HTML 18Page - Texas Instruments ISO7041F Datasheet HTML 19Page - Texas Instruments ISO7041F Datasheet HTML 20Page - Texas Instruments ISO7041F Datasheet HTML 21Page - Texas Instruments ISO7041F Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 88 page
background image
6.9 Typical Characteristics: ADC
at TA = 25°C, PVDD = VDD = IOVDD = 1.8 V, external or internal VREFIO = 1.25 V, RLOAD = 50 kΩ to GND, CLOAD = 100 pF
to GND, and digital inputs at IOVDD or GND (unless otherwise noted)
Figure 6-35. ADC DNL vs Digital Input Code
Figure 6-36. ADC INL vs Digital Input Code
Figure 6-37. ADC DNL Range vs Temperature
Figure 6-38. ADC INL Range vs Temperature
Figure 6-39. ADC Offset Error vs Temperature
Figure 6-40. ADC Gain Error vs Temperature
AFE78101, AFE88101
SLASF21 – DECEMBER 2022
www.ti.com
18
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AFE78101 AFE88101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com