Electronic Components Datasheet Search
  English  ▼

X  

ISO7041F Datasheet(PDF) 25 Page - Texas Instruments

Part # ISO7041F
Description  AFEx8101 16-Bit and 14-Bit, Low-Power DACs With Voltage Reference and Diagnostic ADC for 4-mA to 20-mA Loop-Powered Applications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7041F Datasheet(HTML) 25 Page - Texas Instruments

Back Button ISO7041F Datasheet HTML 21Page - Texas Instruments ISO7041F Datasheet HTML 22Page - Texas Instruments ISO7041F Datasheet HTML 23Page - Texas Instruments ISO7041F Datasheet HTML 24Page - Texas Instruments ISO7041F Datasheet HTML 25Page - Texas Instruments ISO7041F Datasheet HTML 26Page - Texas Instruments ISO7041F Datasheet HTML 27Page - Texas Instruments ISO7041F Datasheet HTML 28Page - Texas Instruments ISO7041F Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 88 page
background image
7.3.1.3 DAC Transfer Function
The following equation describes the DAC transfer function, which is the relationship between internal signal
DAC_CODE and output voltage VOUT:
VOUT=DAC_CODE2N×FSR+VMIN
(1)
where
• DAC_CODE is an internal signal and the decimal equivalent of the gain and offset calibrated binary code
loaded into the DAC_DATA register. DAC_CODE range = 0 to 2N – 1.
• N = DAC_CODE resolution in bits (16 for the AFE88101 and 14 for the AFE78101).
• FSR = VOUT full-scale range for the selected output range in Table 7-2.
• VMIN = the lowest voltage for the selected DAC output range.
Table 7-2. FSR and VMIN for all VOUT Ranges
PVDD
DAC_CFG.RANGE
VOUT RANGE
FSR
VMIN
1.8 V
0
0.15 V to 1.25 V
1.1 V
0.15 V
1.8 V
1
0.2 V to 1.0 V
0.8 V
0.2 V
≥ 2.7 V
0
0.3 V to 2.5 V
2.2 V
0.3 V
≥ 2.7 V
1
0.4 V to 2.0 V
1.6 V
0.4 V
The VOUT range for the DAC is determined by DAC_CFG.RANGE bit when not in the CLEAR state. In the
CLEAR state, the range is determined by DAC_CFG.CLR_RANGE bit.
7.3.1.4 DAC Gain and Offset Calibration
The AFEx8101 provide DAC gain and offset calibration capability to correct for end-point errors present
in the system. Implement the gain and offset calibration using two registers, DAC_GAIN.GAIN and
DAC_OFFSET.OFFSET. Update DAC_DATA register after gain or offset codes are changed for the new values
to take effect. The DAC_GAIN can be programmed from 0.5 to 1.499985 using Equation 2.
DAC_GAIN=12+GAIN2N
(2)
where
• N = DAC_GAIN resolution in bits: 16 for the AFE88101 and 14 for the AFE78101.
• GAIN is the decimal value of the DAC_GAIN register setting.
• GAIN data are left justified; the last two LSBs in the DAC_GAIN register are ignored for the AFE78101.
The example DAC_GAIN settings for the AFE88101 are shown in Table 7-3.
Table 7-3. DAC_GAIN Setting vs GAIN Code
DAC_GAIN
GAIN (HEX)
0.5
0x0000
1.0
0x8000
1.499985
0xFFFF
www.ti.com
AFE78101, AFE88101
SLASF21 – DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
25
Product Folder Links: AFE78101 AFE88101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com