Electronic Components Datasheet Search
  English  ▼

X  

ISO7041F Datasheet(PDF) 23 Page - Texas Instruments

Part # ISO7041F
Description  AFEx8101 16-Bit and 14-Bit, Low-Power DACs With Voltage Reference and Diagnostic ADC for 4-mA to 20-mA Loop-Powered Applications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7041F Datasheet(HTML) 23 Page - Texas Instruments

Back Button ISO7041F Datasheet HTML 19Page - Texas Instruments ISO7041F Datasheet HTML 20Page - Texas Instruments ISO7041F Datasheet HTML 21Page - Texas Instruments ISO7041F Datasheet HTML 22Page - Texas Instruments ISO7041F Datasheet HTML 23Page - Texas Instruments ISO7041F Datasheet HTML 24Page - Texas Instruments ISO7041F Datasheet HTML 25Page - Texas Instruments ISO7041F Datasheet HTML 26Page - Texas Instruments ISO7041F Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 88 page
background image
7.3 Feature Description
7.3.1 Digital-to-Analog Converter (DAC) Overview
The AFEx8101 feature a 16
‑bit (AFE88101) or 14-bit (AFE78101) string DAC followed by an output voltage
buffer. The DAC can be configured to support two low PVDD (0.15 V to 1.25 V and 0.2 V to 1 V), or high
PVDD (0.3 V to 2.5 V and 0.4 V to 2 V) output ranges of operation depending on the PVDD supply voltage
and the DAC_CFG.RANGE bit in the device configuration register. Using a voltage-to-current converter stage,
these output voltages can be used to control a 4 mA to 20 mA loop. The narrow range corresponds to a 4-mA to
20-mA range. The full range allows for currents under and over the 4-mA to 20-mA range.
The devices continuously monitor the PVDD supply to provide proper operation based on the DAC range setting.
Table 7-1 shows the valid supply ranges and corresponding VOUT DAC voltage ranges for the AFEx8101.
Table 7-1. VOUT DAC Voltage Ranges
DAC
CONFIGURATION
SUPPLY
DAC_CFG.RANGE
NAME
VOUT DAC
VOLTAGE RANGE
PVDD
VDD
Invalid configuration
0 V ≤ PVDD < 1.71 V
0 V ≤ VDD < 1.71 V
NA
Alarm condition(1)
0.15 V or 1.25 V(2)
Low PVDD DAC
range
1.71 V ≤ PVDD ≤ 1.89 V
1.71 V ≤ VDD ≤ 1.89 V
0
Full range
0.15 V to 1.25 V
1
Narrow range
0.2 V to 1 V
Invalid configuration
1.89 V < PVDD < 2.7 V
VDD > 1.89 V
NA
Alarm condition(1)
0.15 V or 1.25 V(2)
High PVDD DAC
range
2.7 V ≤ PVDD ≤ 5.5 V
VDD is internally
generated
0
Full range
0.3 V to 2.5 V
1
Narrow range
0.4 V to 2 V
Invalid configuration
PVDD > 5.5 V
VDD > 1.89 V
NA
Alarm condition(1)
0.3 V or 2.5 V(2)
(1)
See Table 7-7 for details.
(2)
See Figure 7-12 for details.
If PVDD or VDD fall outside the specified threshold values associated with the supply configuration during
operation, an alarm is generated and the DAC output is set according to the ALARM_ACTION setting.
www.ti.com
AFE78101, AFE88101
SLASF21 – DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: AFE78101 AFE88101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com