Electronic Components Datasheet Search
  English  ▼

X  

ISO7041F Datasheet(PDF) 6 Page - Texas Instruments

Part # ISO7041F
Description  AFEx8101 16-Bit and 14-Bit, Low-Power DACs With Voltage Reference and Diagnostic ADC for 4-mA to 20-mA Loop-Powered Applications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7041F Datasheet(HTML) 6 Page - Texas Instruments

Back Button ISO7041F Datasheet HTML 2Page - Texas Instruments ISO7041F Datasheet HTML 3Page - Texas Instruments ISO7041F Datasheet HTML 4Page - Texas Instruments ISO7041F Datasheet HTML 5Page - Texas Instruments ISO7041F Datasheet HTML 6Page - Texas Instruments ISO7041F Datasheet HTML 7Page - Texas Instruments ISO7041F Datasheet HTML 8Page - Texas Instruments ISO7041F Datasheet HTML 9Page - Texas Instruments ISO7041F Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 88 page
background image
6.5 Electrical Characteristics
all minimum and maximum values at TA = –40°C to +125°C and all typical values at TA = 25°C, PVDD = VDD = IOVDD =
1.8 V, external or internal VREFIO = 1.25 V, RLOAD = 50 kΩ to GND, CLOAD = 100 pF to GND, and digital inputs at IOVDD or
GND (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOUT DAC STATIC PERFORMANCE
Resolution
AFE88101
16
Bits
AFE78101
14
INL
Integral nonlinearity(1)
AFE88101
–4
4
LSB
AFE78101
–2
2
DNL
Differential nonlinearity(1)
–1
1
LSB
TUE
Total unadjusted error(1)
TA = –40°C to +125°C
–0.07
0.07
%FSR
TA = –40°C to +85°C
–0.05
0.05
TA = 25°C
–0.04
0.04
ZCE
Zero code error
TA = –40°C to +125°C
–0.07
0.07
%FSR
TA = –40°C to +85°C
–0.05
0.05
TA = 25°C
–0.03
0.03
ZCE-TC Zero code error temperature coefficient
±3
ppm/°C
OE
Offset error(1)
TA = –40°C to +125°C
–0.07
0.07
%FSR
TA = –40°C to +85°C
–0.05
0.05
TA = 25°C
–0.03
0.03
OE-TC
Offset error temperature coefficient (1)
±3
ppm/°C
GE
Gain error(1)
TA = –40°C to +125°C
–0.04
0.04
%FSR
TA = –40°C to +85°C
–0.04
0.04
TA = 25°C
–0.03
0.03
GE-TC
Gain error temperature coefficient(1)
±3
ppm FSR/°C
FSE
Full-scale error
TA = –40°C to +125°C
–0.07
0.07
%FSR
TA = –40°C to +85°C
–0.06
0.06
TA = 25°C
–0.04
0.04
FSE-TC Full-scale error temperature coefficient
±3
ppm FSR/°C
VOUT DAC DYNAMIC PERFORMANCE
ts
Output voltage settling time(4)
¼ to ¾ scale and ¾ to ¼ scale settling to ±2 LSB,
PVDD = VDD = 1.8 V, VREFIO = 1.25 V
65
µs
10-mV step settling to ±2 LSB,
PVDD = VDD = 1.8 V, VREFIO = 1.25 V
30
SR
Slew rate(4)
Fullscale transition measured from 10% to 90%
2
V/µs
Vn
Output noise(4)
0.1 Hz to 10 Hz, DAC at midscale,
PVDD = VDD = 1.8 V, VREFIO = 1.25 V
0.25
LSBPP
100-kHz bandwidth, DAC at midscale,
PVDD = VDD = 1.8 V, VREFIO = 1.25 V
32
µVrms
Vn
Output noise density
Measured at 1 kHz, DAC at midscale,
PVDD = VDD = 1.8 V, VREFIO = 1.25 V
180
nV/√Hz
Measured at 1 kHz, DAC at midscale,
PVDD = 5 V, VREFIO = 1.25 V
260
Power supply rejection ratio (AC)
200-mV 50-Hz to 60-Hz sine wave superimposed on
power supply voltage, DAC at midscale.
85
dB
Code change glitch impulse
Midcode ±1 LSB (including feedthrough)
PVDD = VDD = 1.8 V, VREFIO = 1.25 V
4.5
nV-s
Code change glitch magnitude
Midcode ±1 LSB (including feedthrough)
PVDD = 5 V, VREFIO = 1.25 V
1.5
mV
Digital feedthrough
At SCLK = 1 MHz, DAC output at midscale
1
nV-s
AFE78101, AFE88101
SLASF21 – DECEMBER 2022
www.ti.com
6
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AFE78101 AFE88101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com