Electronic Components Datasheet Search
  English  ▼

X  

ISO7041F Datasheet(PDF) 53 Page - Texas Instruments

Part # ISO7041F
Description  AFEx8101 16-Bit and 14-Bit, Low-Power DACs With Voltage Reference and Diagnostic ADC for 4-mA to 20-mA Loop-Powered Applications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7041F Datasheet(HTML) 53 Page - Texas Instruments

Back Button ISO7041F Datasheet HTML 49Page - Texas Instruments ISO7041F Datasheet HTML 50Page - Texas Instruments ISO7041F Datasheet HTML 51Page - Texas Instruments ISO7041F Datasheet HTML 52Page - Texas Instruments ISO7041F Datasheet HTML 53Page - Texas Instruments ISO7041F Datasheet HTML 54Page - Texas Instruments ISO7041F Datasheet HTML 55Page - Texas Instruments ISO7041F Datasheet HTML 56Page - Texas Instruments ISO7041F Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 88 page
background image
Table 7-10. Register Map (continued)
ADDR
(HEX)
REGISTER
BIT DESCRIPTION
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
23h
ADC_FLAGS
RESERVED
SD4_FAIL
SD3_FAIL
SD2_FAIL
SD1_FAIL
SD0_FAIL
TEMP_
FAIL
AIN1_
FAIL
AIN0_
FAIL
RESERVED
24h
ADC_AIN0
RESERVED
DATA [11:0]
25h
ADC_AIN1
RESERVED
DATA [11:0]
26h
ADC_TEMP
RESERVED
DATA [11:0]
27h
ADC_SD_MUX
RESERVED
DATA [11:0]
28h
ADC_OFFSET
RESERVED
DATA [11:0]
2Ch
DAC_OUT
DATA [15:0]
2Dh
ADC_OUT
RESERVED
DATA [11:0]
2Eh
ADC_BYP
DATA_
BYP_EN
OFST_
BYP_EN
DIS_GND_
SAMP
RESERVED
DATA [11:0]
2Fh
FORCE_FAIL
CRC_FLT
VREF_FLT
THERM_
ERR_FLT
THERM_
WARN_
FLT
RESERVED
SD4_HI_
FLT
SD4_LO_
FLT
SD3_HI_
FLT
SD3_LO_
FLT
SD2_HI_
FLT
SD2_LO_
FLT
SD1_HI_
FLT
SD1_LO_
FLT
SD0_HI_
FLT
SD0_LO_
FLT
(1)
The SPECIAL_CFG register can only be reset with POR, and does not respond to the RESET pin or SW_RST command.
(2)
The UBM register can only be accessed with a UBM command.
www.ti.com
AFE78101, AFE88101
SLASF21 – DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
53
Product Folder Links: AFE78101 AFE88101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com