Electronic Components Datasheet Search
  English  ▼

X  

ISO7041F Datasheet(PDF) 65 Page - Texas Instruments

Part # ISO7041F
Description  AFEx8101 16-Bit and 14-Bit, Low-Power DACs With Voltage Reference and Diagnostic ADC for 4-mA to 20-mA Loop-Powered Applications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7041F Datasheet(HTML) 65 Page - Texas Instruments

Back Button ISO7041F Datasheet HTML 61Page - Texas Instruments ISO7041F Datasheet HTML 62Page - Texas Instruments ISO7041F Datasheet HTML 63Page - Texas Instruments ISO7041F Datasheet HTML 64Page - Texas Instruments ISO7041F Datasheet HTML 65Page - Texas Instruments ISO7041F Datasheet HTML 66Page - Texas Instruments ISO7041F Datasheet HTML 67Page - Texas Instruments ISO7041F Datasheet HTML 68Page - Texas Instruments ISO7041F Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 88 page
background image
7.6.1.21 ALARM_STATUS Register (Offset = 20h) [Reset = 0200h]
Return to the Register Map.
Table 7-32. ALARM_STATUS Register Field Descriptions
Bit
Field
Type
Reset
Description
15
GEN_IRQ
R
0h
General IRQ OR of all the unmasked bits in the GEN_STATUS register.
0h = All of the unmasked bits of the GEN_STATUS register are low
1h = At least one of the unmasked bits in the GEN_STATUS register is high
14
RESERVED
R
0h
13
SD_FLT
R
0h
Self Diagnostic (SD) Fault
0h = All self diagnostic channels are within threshold limits
1h = At least one of the self diagnostic channels has failed
12
OSC_FAIL
R
0h
Oscillator Fault Oscillator failed to start. This bit holds ALARM low and does not feed
IRQ.
0h = Oscillator started; 1h = Oscillator has failed to start
11-10 CRC_CNT
R
0h
CRC Fault Counter
If counter limit ≤ 4 then bits[1:0] of the counter are shown here.
If the counter limit = 8 then bits[2:1] of the counter are shown.
9
OTP_LOADEDn
R
1h
OTP NOT Loaded Clears when OTP has loaded at least once.
Keeps ALARM asserted until OTP finishes loading. Does not feed IRQ.
0h = OTP has loaded at least once; 1h = OTP has not finished loading
8
OTP_CRC_ERR
R
0h
OTP CRC Error Maskable fault. An error occurred with the OTP CRC calculation.
Sticky, cleared by reading register, unless condition still persist.
0h = No OTP CRC fault; 1h = OTP CRC fault
7
CRC_FLT
R
0h
CRC Fault Maskable fault. Invalid CRC value transmitted during SPI frame.
Sticky, cleared by reading register, unless condition still persist.
0h = No CRC fault; 1h = CRC fault
6
WD_FLT
R
0h
Watchdog Timer Fault
Maskable fault. Sticky, cleared by reading register, unless condition still persist.
0h = No watchdog fault; 1h = Watchdog fault
5
VREF_FLT
R
0h
Invalid Reference Voltage Maskable fault. OR with FORCE_FAIL.VREF_FLT bit.
Active signal, set as long as condition is true. Direct input from analog circuit.
0h = Valid VREF voltage; 1h = Invalid VREF voltage
4
ADC_AIN1_FLT
R
0h
ADC AIN1 Fault. Maskable fault.
0h = AIN1 ADC measurement within threshold limits
1h = AIN1 ADC measurement outside threshold limits
3
ADC_AIN0_FLT
R
0h
ADC AIN0 Fault. Maskable fault.
0h = AIN0 ADC measurement within threshold limits
1h = AIN0 ADC measurement outside threshold limits
2
ADC_TEMP_FLT
R
0h
ADC Temp Fault. Maskable fault.
0h = TEMP ADC measurement within threshold limits
1h = TEMP ADC measurement outside threshold limits
1
THERM_ERR_FLT
R
0h
Temperature > 130°C error. Maskable fault.
OR with FORCE_FAIL.THERM_ERR_FLT bit.
Active signal, set as long as condition is true. Direct input from analog circuit.
0h = Temperature ≤ 130°C; 1h = Temperature > 130°C
0
THERM_WARN_FLT R
0h
Temperature > 85°C warning. Maskable fault.
OR with FORCE_FAIL.THERM_WARN_FLT bit.
Active signal, set as long as condition is true. Direct input from analog circuit.
0h = Temperature ≤ 85°C; 1h = Temperature > 85°C
www.ti.com
AFE78101, AFE88101
SLASF21 – DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
65
Product Folder Links: AFE78101 AFE88101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com